Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3418KTR-G1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP3418KTR-G1
Description  1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3418KTR-G1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP3418KTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3418KTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3418KTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3418KTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3418KTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3418KTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3418KTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3418KTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3418KTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3418
Aug. 2012
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
5
Electrical Characteristics
VIN=5V, TA=25ºC, unless otherwise specified.
Parameters
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage
VIN
2.5
5.5
V
Quiescent Current
IQ
VFB=0.65V
62
100
µA
Shutdown Supply Current
ISTBY
VEN=GND
0.1
1
µA
Reference Voltage
VREF
For Adjustable Output
Voltage
0.588
0.6
0.612
V
Feedback Bias Current
IFB_H
VFB=1V
-0.1
0.1
µA
IFB_L
VFB=0V
-0.1
0.1
PMOSFET RON
RDS(ON)_ P
ISW = 200mA
0.2
NMOSFET RON
RDS(ON) _N
ISW = -200mA
0.15
Switch Current Limit
ILIM
VFB=0.55V
1.8
2.3
A
EN Pin Threshold
VH
1.5
V
VL
0.4
UVLO Threshold
VUVLO
VIN Rising
2.3
V
UVLO Hysteresis
VHYS
0.2
Oscillator Frequency
FOSC
1.12
1.40
1.68
MHz
Max. Duty Cycle
DMAX
100
%
Min. Duty Cycle
DMIN
0
SW Leakage Current
ISW_H
VSW =0V
0.1
µA
ISW_L
VSW =5V
0.1
Soft-start Time
tSS
1
ms
Thermal Shutdown
TOTSD
160
ºC
Thermal
Shutdown
Hysteresis
THYS
20
ºC


Similar Part No. - AP3418KTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3418KTR-G1 DIODES-AP3418KTR-G1 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
More results

Similar Description - AP3418KTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3407,A BCDSEMI-AP3407,A Datasheet
336Kb / 11P
   1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3211 BCDSEMI-AP3211 Datasheet
453Kb / 12P
   1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
AP3211H BCDSEMI-AP3211H_14 Datasheet
713Kb / 12P
   1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
AP3211H BCDSEMI-AP3211H Datasheet
460Kb / 11P
   1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
logo
Diodes Incorporated
AP3211 DIODES-AP3211 Datasheet
510Kb / 11P
   1.4MHZ,1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
BCD Semiconductor Manuf...
AP3423 BCDSEMI-AP3423 Datasheet
408Kb / 10P
   1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com