Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3408 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP3408
Description  2A, 4MHz High Efficiency Synchronous Buck Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3408 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3408 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3408 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3408 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3408 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3408 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3408 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3408 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3408 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3408 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Preliminary Datasheet
2A, 4MHz High Efficiency Synchronous Buck Converter
AP3408
Jul. 2011
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
10
Mechanical Dimensions
DFN-3×3-10
Unit: mm(inch)
`
2.900(0.114)
3.100(0.122)
2.900(0.114)
3.100(0.122)
1.600(0.063)
1.800(0.071)
0.200(0.008)
0.300(0.012)
0.500(0.020)
TYP
0.300(0.012)
0.500(0.020)
0.000(0.000)
0.050(0.002)
0.700(0.028)
0.800(0.031)
0.153(0.006)
0.253(0.010)
2.300(0.090)
2.500(0.098)
N1
N5
N6
N10
PIN #1
IDENTIFICATION
Pin 1 Dot
by Marking


Similar Part No. - AP3408

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3401 DIODES-AP3401 Datasheet
933Kb / 11P
   1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
AP3401DNTR-G1 DIODES-AP3401DNTR-G1 Datasheet
933Kb / 11P
   1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
AP3401KTTR-G1 DIODES-AP3401KTTR-G1 Datasheet
933Kb / 11P
   1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
AP3402 DIODES-AP3402 Datasheet
474Kb / 10P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
logo
Advanced Power Electron...
AP3402GEH A-POWER-AP3402GEH Datasheet
62Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP3408

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
uPI Group Inc.
UP1723 UPI-UP1723 Datasheet
268Kb / 16P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
UP1724 UPI-UP1724 Datasheet
234Kb / 13P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
   High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com