Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3406A Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP3406A
Description  1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3406A Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3406A Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3406A Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3406A Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3406A Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3406A Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3406A Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3406A Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3406A Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3406A Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Data Sheet
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406A
Sep 2011 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
10
Mechanical Dimensions
TSOT-23-5
Unit: mm(inch)


Similar Part No. - AP3406A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A Datasheet
680Kb / 12P
   1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
More results

Similar Description - AP3406A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A Datasheet
680Kb / 12P
   1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3422 BCDSEMI-AP3422 Datasheet
496Kb / 11P
   Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
AP3406 BCDSEMI-AP3406_09 Datasheet
638Kb / 12P
   1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406 BCDSEMI-AP3406 Datasheet
32Kb / 2P
   1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Linear Technology
LTC3538 LINER-LTC3538_15 Datasheet
216Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
logo
ACE Technology Co., LTD...
ACE721A ACE-ACE721A Datasheet
226Kb / 8P
   1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
VER 1.3
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
   SYNCHRONOUS DC/DC BUCK CONVERTER
logo
SHOUDING Shouding Semic...
SD8904 SHOUDING-SD8904 Datasheet
1Mb / 12P
   Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com