Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3211HKTR-G1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP3211HKTR-G1
Description  1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3211HKTR-G1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3211HKTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3211HKTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3211HKTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3211HKTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3211HKTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3211HKTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3211HKTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3211HKTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3211HKTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Preliminary Datasheet
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
AP3211H
Aug. 2012 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
9
Typical Application
R1
R2
49.9k
16.2k
IN
EN
BS
SW
FB
L1 4.7 H
C1
10 F
25V
VIN=12V
GND
CB
10nF
C2
22 F
6.3V
D1
1
6
3
2
4
5
VOUT=3.3V
(1.5A)
ON OFF
Figure 14. Typical Application Circuit of AP3211H


Similar Part No. - AP3211HKTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3211HKTR-G1 BCDSEMI-AP3211HKTR-G1 Datasheet
713Kb / 12P
   1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
More results

Similar Description - AP3211HKTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3211 BCDSEMI-AP3211 Datasheet
453Kb / 12P
   1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
AP3211H BCDSEMI-AP3211H_14 Datasheet
713Kb / 12P
   1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
logo
Diodes Incorporated
AP3211 DIODES-AP3211 Datasheet
510Kb / 11P
   1.4MHZ,1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
logo
BCD Semiconductor Manuf...
AP3418 BCDSEMI-AP3418 Datasheet
500Kb / 12P
   1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
Fitipower Integrated Te...
FR9761 FITIPOWER-FR9761 Datasheet
743Kb / 12P
   23V, 2A, 1.4MHz Asynchronous Step-Down DC/DC Converter
FR9765 FITIPOWER-FR9765 Datasheet
567Kb / 11P
   24V, 3A, 1.4MHz Asynchronous Step-Down DC/DC Converter
FR9702 FITIPOWER-FR9702 Datasheet
753Kb / 14P
   23V, 1.8A, 1.4MHz Asynchronous Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3423 BCDSEMI-AP3423 Datasheet
408Kb / 10P
   1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
logo
Skyworks Solutions Inc.
AAT2512 SKYWORKS-AAT2512 Datasheet
1Mb / 19P
   Dual 1.4MHz, 400mA Synchronous Buck DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
   380kHz, 3A Asynchronous DC - DC Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com