Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3106M-G1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP3106M-G1
Description  HIGH VOLTAGE GREEN MODE PWM CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3106M-G1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3106M-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3106M-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3106M-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3106M-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3106M-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3106M-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3106M-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3106M-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3106M-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Preliminary Datasheet
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
AP3106
Sep. 2011
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
7
Electrical Characteristics (Continued)
VIN =16V, TA=25°C, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Output Low Level
IGATE=50mA, VCC=12V
1
V
Output High Level
IGATE=50mA, VCC=12V
8
V
Output Clamping
15.5
17.5
19.5
V
Rising Time
CL=1nF
150
250
350
ns
Falling Time
CL=1nF
30
50
90
ns
BROWNOUT PROTECTION
Turn-on DC Input (HV), VON
R=0k
97
105
113
V
Turn-off DC Input (HV), VOFF
R=0k
VON-5
V
De-bounce Time of Enable
25
µs
De-bounce Time of Turn Off
VFB=3V, RI=100kΩ
25
35
45
ms
OVER-TEMPERATURE PROTECTION SECTION
Shutdown Temperature
140
°C
Temperature Hysteresis
20
°C
DELAY TIME SECTION
Delay 1
Short circuit, OLP, RI=100kΩ
25
35
45
ms
Delay 2
VCC OVP, brown out, RI=100kΩ
25
µs
Typical Performance Characteristics
Figure 4. Start-up Voltage vs. Ambient Temperature
Figure 5. Shutdown Voltage vs. Ambient Temperature
-60
-40
-20
0
20
40
60
80
100
120
140
160
15.5
15.6
15.7
15.8
15.9
16.0
16.1
16.2
16.3
Ambient Temperature (
oC)
-60
-40
-20
0
20
40
60
80
100
120
140
160
8.20
8.25
8.30
8.35
8.40
8.45
8.50
8.55
8.60
Ambient Temperature (
oC)


Similar Part No. - AP3106M-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3106 DIODES-AP3106 Datasheet
593Kb / 10P
   HIGH VOLTAGE GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3106M-G1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3869A UTC-UC3869A Datasheet
310Kb / 9P
   HIGH VOLTAGE GREEN MODE PWM CONTROLLER
logo
List of Unclassifed Man...
OB5269 ETC1-OB5269 Datasheet
377Kb / 1P
   High Voltage Green Mode PWM Controller
logo
Leadtrend Technology
LD7750A LEADTREND-LD7750A Datasheet
444Kb / 19P
   High Voltage Green-Mode PWM Controller
logo
Diodes Incorporated
AP3107Z DIODES-AP3107Z Datasheet
644Kb / 11P
   HIGH VOLTAGE GREEN MODE PWM CONTROLLER
March 2015 Rev. 3 - 3
AP3106 DIODES-AP3106 Datasheet
593Kb / 10P
   HIGH VOLTAGE GREEN MODE PWM CONTROLLER
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A_16 Datasheet
369Kb / 24P
   High Performance Voltage Mode PWM Controller
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com