Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1662MTR-G1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP1662MTR-G1
Description  HIGH PERFORMANCE POWER FACTOR CORRECTOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP1662MTR-G1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP1662MTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP1662MTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP1662MTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP1662MTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP1662MTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP1662MTR-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP1662MTR-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP1662MTR-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP1662MTR-G1 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet
HIGH PERFORMANCE POWER FACTOR CORRECTOR
AP1662
Jul. 2012 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
11
Typical Performance Characteristics (Continued)
Figure 12. VCS-CLAMP vs. TJ
Figure 13. Multiplier Gain vs. TJ
Figure 14. ZCD Source Capability vs. TJ
Figure 15. ZCD Clamp Levels vs. TJ
-50
0
50
100
150
0
1
2
3
4
5
6
7
Lower Clamp
Junction Temperature (
oC)
V
CC
=12V
I
ZCD
= + 2.5mA
Upper Clamp
-50
0
50
100
150
1.0
1.2
1.4
1.6
1.8
2.0
Junction Temperature (
oC)
V
CC
=12V
V
COMP
=Upper Clamp
-50
0
50
100
150
-8
-6
-4
-2
0
Junction Temperature (
oC)
V
CC
=12V
V
ZCD
=Lower Clamp
-50
0
50
100
150
0.0
0.2
0.4
0.6
0.8
1.0
Junction Temperature (
oC)
V
CC
=12V
V
COMP
=4V
V
MULT
=1V


Similar Part No. - AP1662MTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1662MTR-G1 BCDSEMI-AP1662MTR-G1 Datasheet
478Kb / 18P
   HIGH PERFORMANCE POWER FACTOR CORRECTOR
More results

Similar Description - AP1662MTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1661A BCDSEMI-AP1661A Datasheet
283Kb / 11P
   HIGH PERFORMANCE POWER FACTOR CORRECTOR
AP1662M-E1 BCDSEMI-AP1662M-E1 Datasheet
478Kb / 18P
   HIGH PERFORMANCE POWER FACTOR CORRECTOR
logo
Unisonic Technologies
L8562 UTC-L8562_15 Datasheet
266Kb / 6P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L6560 STMICROELECTRONICS-L6560 Datasheet
123Kb / 11P
   POWER FACTOR CORRECTOR
June 2000
L4981AD013TR STMICROELECTRONICS-L4981AD013TR Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
logo
Unisonic Technologies
L8561 UTC-L8561 Datasheet
224Kb / 5P
   POWER FACTOR CORRECTOR
UA7524 UTC-UA7524_15 Datasheet
204Kb / 5P
   POWER FACTOR CORRECTOR
logo
AUK corp
S6500 AUK-S6500 Datasheet
492Kb / 7P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A Datasheet
228Kb / 17P
   POWER FACTOR CORRECTOR
September 1998
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
   POWER FACTOR CORRECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com