Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH9480M8TR-G1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AH9480M8TR-G1
Description  Single Phase Low Noise Smart Motor Driver Full Bridge Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH9480M8TR-G1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AH9480M8TR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH9480M8TR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH9480M8TR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH9480M8TR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH9480M8TR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH9480M8TR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH9480M8TR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH9480M8TR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH9480M8TR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
Single Phase Low Noise Smart Motor Driver
AH9479/80/81
Mar. 2012 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
5
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
18
V
Peak Output Current
IOUT_P
500
mA
Continuous Output Current
IOUT_C
300
mA
FG/RD Pull-up Voltage
VFG/VRD
18
V
FG/RD Output Current
IFG/IRD
10
mA
TO-94
550
TO-95
600
Power Dissipation
PD
MSOP-8
585
mW
Operating Ambient Temperature
TA
-40 to 85
ºC
Storage Temperature
TSTG
-55 to 150
ºC
TO-94
227
TO-95
208
Thermal Resistance
(Junction to Ambient)
θJA
MSOP-8
214
ºC/W
ESD (Human Body Model)
ESD
6000
V
ESD (Machine Model)
ESD
200
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.5
16
V
Operating Ambient Temperature
TA
-40
85
ºC


Similar Part No. - AH9480M8TR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9485 DIODES-AH9485 Datasheet
624Kb / 12P
   SINGLE PHASE LOW NOISE SMART MOTOR DRIVER
September 2015
AH9485-WUF-7 DIODES-AH9485-WUF-7 Datasheet
624Kb / 12P
   SINGLE PHASE LOW NOISE SMART MOTOR DRIVER
September 2015
AH9486 DIODES-AH9486 Datasheet
624Kb / 12P
   SINGLE PHASE LOW NOISE SMART MOTOR DRIVER
September 2015
AH9486-WUF-7 DIODES-AH9486-WUF-7 Datasheet
624Kb / 12P
   SINGLE PHASE LOW NOISE SMART MOTOR DRIVER
September 2015
More results

Similar Description - AH9480M8TR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9485 DIODES-AH9485 Datasheet
624Kb / 12P
   SINGLE PHASE LOW NOISE SMART MOTOR DRIVER
September 2015
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
   LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
logo
Sanyo Semicon Device
LV8063TT SANYO-LV8063TT Datasheet
112Kb / 8P
   Fan Motor Driver Single-Phase Full-Wave Driver
LV8860V SANYO-LV8860V Datasheet
260Kb / 11P
   Fan Motor Driver Single-Phase Full-Wave Driver
LV8162TT SANYO-LV8162TT Datasheet
227Kb / 7P
   Fan Motor Driver Single-Phase Full-Wave Driver
logo
Rohm
BA6427F ROHM-BA6427F Datasheet
77Kb / 5P
   Single-phase full-wave motor driver
logo
Shaoxing Devechip Micro...
SDC11557 SDC-SDC11557 Datasheet
310Kb / 8P
   Single-Phase Full-Wave Motor Driver
SDC11168 SDC-SDC11168 Datasheet
418Kb / 10P
   Single-phase Full-wave Motor Driver
SDC11558 SDC-SDC11558 Datasheet
336Kb / 10P
   Single-Phase Full-Wave Motor Driver
SDC11169 SDC-SDC11169 Datasheet
372Kb / 11P
   Single-phase Full-wave Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com