Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH9480Z5-G1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AH9480Z5-G1
Description  Single Phase Low Noise Smart Motor Driver Full Bridge Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH9480Z5-G1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AH9480Z5-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH9480Z5-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH9480Z5-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH9480Z5-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH9480Z5-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH9480Z5-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH9480Z5-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AH9480Z5-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AH9480Z5-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
Single Phase Low Noise Smart Motor Driver
AH9479/80/81
Mar. 2012 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
7
Test Circuit
AH9480/81
VCC
VCC
OUT2 GND
OUT1
23
1
4
C2
20pF
C1
20pF
OUT2 (DOB)
OUT1 (DO)
5
FG/RD
FG/RD
5V
Figure 4. Basic Test Circuit of AH9479/80/81
N
S
Marking Side


Similar Part No. - AH9480Z5-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9485 DIODES-AH9485 Datasheet
624Kb / 12P
   SINGLE PHASE LOW NOISE SMART MOTOR DRIVER
September 2015
AH9485-WUF-7 DIODES-AH9485-WUF-7 Datasheet
624Kb / 12P
   SINGLE PHASE LOW NOISE SMART MOTOR DRIVER
September 2015
AH9486 DIODES-AH9486 Datasheet
624Kb / 12P
   SINGLE PHASE LOW NOISE SMART MOTOR DRIVER
September 2015
AH9486-WUF-7 DIODES-AH9486-WUF-7 Datasheet
624Kb / 12P
   SINGLE PHASE LOW NOISE SMART MOTOR DRIVER
September 2015
More results

Similar Description - AH9480Z5-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9485 DIODES-AH9485 Datasheet
624Kb / 12P
   SINGLE PHASE LOW NOISE SMART MOTOR DRIVER
September 2015
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
   LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
logo
Sanyo Semicon Device
LV8063TT SANYO-LV8063TT Datasheet
112Kb / 8P
   Fan Motor Driver Single-Phase Full-Wave Driver
LV8860V SANYO-LV8860V Datasheet
260Kb / 11P
   Fan Motor Driver Single-Phase Full-Wave Driver
LV8162TT SANYO-LV8162TT Datasheet
227Kb / 7P
   Fan Motor Driver Single-Phase Full-Wave Driver
logo
Rohm
BA6427F ROHM-BA6427F Datasheet
77Kb / 5P
   Single-phase full-wave motor driver
logo
Shaoxing Devechip Micro...
SDC11557 SDC-SDC11557 Datasheet
310Kb / 8P
   Single-Phase Full-Wave Motor Driver
SDC11168 SDC-SDC11168 Datasheet
418Kb / 10P
   Single-phase Full-wave Motor Driver
SDC11558 SDC-SDC11558 Datasheet
336Kb / 10P
   Single-Phase Full-Wave Motor Driver
SDC11169 SDC-SDC11169 Datasheet
372Kb / 11P
   Single-phase Full-wave Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com