Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH9282Z5-G1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AH9282Z5-G1
Description  Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH9282Z5-G1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AH9282Z5-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH9282Z5-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH9282Z5-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH9282Z5-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AH9282Z5-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AH9282Z5-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AH9282Z5-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AH9282Z5-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AH9282Z5-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281/82
Oct. 2011 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
10
Typical Application
AH9281/2
VCC
DO DOB GND
VCC=5V or 12V
FG/RD
C1
2.2 F
RPU
4.7K
FG/RD
C2
2.2 F
C3
2.2 F
D1
Coil 1 Coil 2
R1
47
R2
4.7
R3
4.7
Figure 15. Typical Application 1 of AH9281/82 (TO-95, Note 2)
Note 2:
1. D1 is an ordinary diode used to filter the noise from VCC and protect IC if VCC and GND are plugged
reversed.
2. R1=47
Ω typical.
3. C1=C2=C3=2.2
µF typical, electrolytic capacitors are better. They should be fine tuned based on system
design.
4. R2=R3=4.7
Ω typical. They can be cancelled according to system requirement.
5. RPU=4.7kΩ typical.


Similar Part No. - AH9282Z5-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9282Z5-G1 BCDSEMI-AH9282Z5-G1 Datasheet
157Kb / 2P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9282Z5-G1 BCDSEMI-AH9282Z5-G1 Datasheet
456Kb / 14P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
More results

Similar Description - AH9282Z5-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9281 BCDSEMI-AH9281 Datasheet
157Kb / 2P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281Z5-G1 BCDSEMI-AH9281Z5-G1 Datasheet
456Kb / 14P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
logo
Diodes Incorporated
AH9280 DIODES-AH9280 Datasheet
412Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
logo
BCD Semiconductor Manuf...
AH9280 BCDSEMI-AH9280 Datasheet
410Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280 BCDSEMI-AH9280_11 Datasheet
400Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280Z4-G1 BCDSEMI-AH9280Z4-G1 Datasheet
415Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
logo
Diodes Incorporated
AH9281 DIODES-AH9281 Datasheet
145Kb / 12P
   TWO PHASE DUAL-COIL HIGH VOLTAGE SMART FAN MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AH9279 BCDSEMI-AH9279_11 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
AH9279 BCDSEMI-AH9279 Datasheet
352Kb / 11P
   TWO PHASE DUAL-COIL COMS SMART FAN MOTOR DRIVER
logo
Diodes Incorporated
AH9279 DIODES-AH9279 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com