Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I408-976AYFS-20.000 Datasheet(PDF) 1 Page - ILSI America LLC

Part # I408-976AYFS-20.000
Description  Leaded Oscillator, OCXO Metal Package, 26 mm X 26 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I408-976AYFS-20.000 Datasheet(HTML) 1 Page - ILSI America LLC

  I408-976AYFS-20.000 Datasheet HTML 1Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Leaded Oscillator, OCXO
I408 Series
Metal Package, 26 mm X 26 mm
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
12/10_B
Specifications subject to change without notice
Frequency
1.000 MHz to 150.000 MHz
Output Level
TTL
HC-MOS
Sine
Level
‘0’= 0.4 VDC Max., ‘1’ = 2.4 VDC Min.
‘0’ = 0.1 Vcc Max., ‘1’= 4.5 VDC Min.
+4 dBm,
 3 dBm
Duty Cycle
Specify 50%
 10% or  5% See Table
N.A.
Rise / Fall Time
10 nS Max. @ Fo < 16 MHz, 5 nS Max. @ Fo > 16 MHz
N.A.
Output Load
5 TTL
See Table
50 Ohms
Supply Voltage
5.0 VDC
 5%
Current (Warm Up)
600 mA Max.
Current @ +25
 C
250 mA @ 5 VDC
Control Voltage (“V” option)
2.5 VDC
 2.0 VDC, 8 ppm Min. for AT cut
Slope
Positive
Temperature
Operating
See Operating Temperature Table
Storage
-40
 C to +85 C
Environmental
See Appendix B for information
Package Information
MSL = N.A., Termination = e1
Part Number Guide
Sample Part Number:
I408 - 5151YVA - 20.000 MHz
Package
Input
Voltage
Operating
Temperature
Symmetry
(Duty Cycle)
Output
Stability
(in ppm)
Voltage
Control
Crysta
l Cut
Frequency
I408 -
5 = 5.0 V
7 = 0
 C to +50 C
5 = 45 / 55 Max.
1 = 10TTL / 15 pF HC-MOS
Y =
0.5
V = Controled
A = AT
- 20.000 MHz
9 = 12 V
1 = 0
 C to +70 C
6 = 40 / 60 Max.
3 = 15 pF HC-MOS
1 =
0.25
F = Fixed
S = SC
3 = 3.3V
6 = -10
 C to +70 C
6 = 30 pF
2 =
0.1
3 = -20
 C to +70 C
A = Sine
3 =
0.05 *
5 =
0.015 *
NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 4) and Gnd (pin 2) to minimize power supply noise.
* - Not available for all temperature ranges.


Similar Part No. - I408-976AYFS-20.000

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
I400 PF-I400 Datasheet
420Kb / 1P
   AC Current Clamp
logo
ILLUMINANT CO., LTD
I4001-6XXT4827A ILLUMINANT-I4001-6XXT4827A Datasheet
873Kb / 12P
   PRODUCT SPECIFICATION FOR LCM
logo
ILSI America LLC
I401 ILSI-I401 Datasheet
43Kb / 2P
   Leaded Oscillator, OCXO Metal Package, Full Size DIP
I401-31511F-20.000 ILSI-I401-31511F-20.000 Datasheet
43Kb / 2P
   Leaded Oscillator, OCXO Metal Package, Full Size DIP
I401-31511V-20.000 ILSI-I401-31511V-20.000 Datasheet
43Kb / 2P
   Leaded Oscillator, OCXO Metal Package, Full Size DIP
More results

Similar Description - I408-976AYFS-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I405 ILSI-I405 Datasheet
34Kb / 1P
   Leaded Oscillator, OCXO Metal Package, 27 mm X 36 mm
I411 ILSI-I411 Datasheet
33Kb / 1P
   Leaded Oscillator, OCXO Metal Package, 20.5 mm X 20.5 mm
I416 ILSI-I416 Datasheet
50Kb / 2P
   Leaded Oscillator, OCXO Metal Package, 25.7 mm X 25.7 mm
I401 ILSI-I401 Datasheet
43Kb / 2P
   Leaded Oscillator, OCXO Metal Package, Full Size DIP
I414 ILSI-I414 Datasheet
85Kb / 2P
   Surface Mount Oscillator, OCXO FR-4 Package, 25.4 mm X 22.1 mm
I523 ILSI-I523 Datasheet
43Kb / 1P
   Surface Mount Oscillator, TCXO, TCVCXO Metal Package, 9 mm x 11 mm
I521 ILSI-I521 Datasheet
45Kb / 1P
   Surface Mount Oscillator, TCXO, TCVCXO Metal Package, 11 mm x 18 mm
I525 ILSI-I525 Datasheet
44Kb / 1P
   Surface Mount Oscillator, TCXO, TCVCXO Metal Package, 9 mm x 11 mm
HC49USM-BB0F18-20.000 ILSI-HC49USM-BB0F18-20.000 Datasheet
54Kb / 2P
   2 Pad Metal Package, 4.7 mm x 13.3 mm
HC49USM ILSI-HC49USM Datasheet
65Kb / 2P
   2 Pad Metal Package, 4.7 mm x 13.3 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com