Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8131 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C8131
Description  Tinned Copper conductor, FEP Insulation, Individually shielded pairs, and overall Plenum PVC Jacketed Plenum Cable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C8131 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C8131 Datasheet HTML 1Page - General Cable Technologies Corporation C8131 Datasheet HTML 2Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
E
V
DATE
CHANGE DETAIL
General Cable
20 Forge Park, Franklin, Ma 02038
Phone: 508-541-7100 Fax: 508-541-8122
Title:
C8131
Description:
3 PR 22 AWG Shielded Plenum Cable
Created By:
A 05/19/09
Initial Release -VM
Final Approval:
VM 5/19/09
PAGE 1 of 1
General Cable reserves the right to modify this information without prior notification and does not make a warranty or representation of any kind, whether implied or expressed with respect to the information contained
herein. General Cable assumes no risks, and will not be liable for direct or indirect, special; incidental or consequential damages, any defect or personal injury resulting from the use of this document.
Description:
Tinned Copper conductor, FEP Insulation, Individually shielded pairs, and overall Plenum PVC Jacketed Plenum
Cable.
A.
Construction:
1.0
Primaries:
1.1
Conductor:
AWG
Stranding
Nom. Dia
1.2
Insulation:
Material
Nom. thickness
Nom. OD
22 AWG
7/30 Tinned Copper;
.030"
FEP
.010”
.050"
2.0
Pair construction:
Two insulated conductors twisted together
2.1
Shield:
Aluminum/Polyester Tape; 100% coverage; (Aluminum Side IN)
2.2
Drain Wire:
22 AWG ( 7/30 ) Tinned Copper
2.3
No. of Pairs
3
2.4
Pair Color Code:
Black & Red
Black & White
Black & Green
3.0
Overall Cabling:
Three pairs cabled
4.0
Jacket
Material:
Plenum PVC
Nom. wall:
.018”
Color:
TBD
5.0
Overall Diameter of Cable Nom.
.237”
6.0
Marking:
Surface Print:
GENERAL CABLE (F) C8131 3PR 22 AWG SHIELDED CMP (UL) C(UL) ---- ROHS
AAAAA*
* Indicates Shop Order number
B.
Characteristics:
1.0
Conductor DC Resistance @20C Max. (Ohm):
16
2.0
Capacitance between conductors Nom. (pF/ft):
35
3.0
Capacitance Cond. To other Cond.& Shield Nom. (pF/ft):
76
4.0
Inductance Nom. (µH/ft):
.18
5.0
Characteristic Impedance Nom.(Ohms):
46
6.0
Velocity of Propagation Nom. :
62
7.0
Operating Voltage Nom.:
300 V
8.0
Continuous Operating Temp:
75C
9.0
Min. Bend Radius (inches):
2.4
10.0
Max. Pulling Tension Lbs:
75


Similar Part No. - C8131

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C8132 GENERAL-C8132 Datasheet
24Kb / 1P
   Tinned Copper conductor, FEP Insulation, Individually shielded pairs, and overall FEP Jacketed Plenum Cable
C8133 GENERAL-C8133 Datasheet
25Kb / 1P
   6 Individually shielded pairs 22 AWG Tinned Copper with FEP Insulation, cabled together with overall LS-PVC Jacket
C8134 GENERAL-C8134 Datasheet
28Kb / 2P
   Tinned Copper conductor, Foam FEP Insulation, Individually shielded pairs, and overall Plenum PVC Jacketed
logo
List of Unclassifed Man...
C8136-04 ETC1-C8136-04 Datasheet
134Kb / 1P
   Standard Dual Beam Wire Wrap Edge-Grip Sockets
C8136-54 ETC1-C8136-54 Datasheet
134Kb / 1P
   Standard Dual Beam Wire Wrap Edge-Grip Sockets
More results

Similar Description - C8131

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C8105 GENERAL-C8105 Datasheet
25Kb / 1P
   Tinned Copper conductor, FEP Insulation, Individually shielded pairs, and overall Plenum PVC Jacketed Plenum
C8112 GENERAL-C8112 Datasheet
24Kb / 1P
   Tinned Copper conductor, FEP Insulation, Individually shielded pairs, and overall FEP Jacketed Plenum Cable
C8132 GENERAL-C8132 Datasheet
24Kb / 1P
   Tinned Copper conductor, FEP Insulation, Individually shielded pairs, and overall FEP Jacketed Plenum Cable
C8134 GENERAL-C8134 Datasheet
28Kb / 2P
   Tinned Copper conductor, Foam FEP Insulation, Individually shielded pairs, and overall Plenum PVC Jacketed
C8128 GENERAL-C8128 Datasheet
24Kb / 1P
   Tinned Copper conductor, Foam FEP Insulation, Individually shielded pairs, and overall PVDF Jacketed Plenum Cable
C8124 GENERAL-C8124 Datasheet
25Kb / 1P
   Tinned Copper conductor, FEP Insulation, twisted pairs, overall foil shied and Plenum-PVC Jacketed Plenum Cable
C8123 GENERAL-C8123 Datasheet
29Kb / 2P
   Tinned Copper conductor, FEP Insulation, twisted pairs, overall foil shied and Plenum-PVC Jacketed Plenum Cable
C8126 GENERAL-C8126 Datasheet
25Kb / 1P
   Tinned Copper conductor, FEP Insulation, twisted pairs, overall foil shied and Plenum-PVC Jacketed Plenum Cable
C8113 GENERAL-C8113 Datasheet
25Kb / 1P
   Tinned Copper conductor, FEP Insulation, twisted pairs, overall foil shied and Plenum-PVC Jacketed Plenum Cable
C8127 GENERAL-C8127 Datasheet
25Kb / 1P
   Tinned Copper conductor, FEP Insulation, twisted pairs, overall foil shied and Plenum-PVC Jacketed Plenum Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com