Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN26027A Datasheet(PDF) 2 Page - Panasonic Battery Group

Part # AN26027A
Description  Ultra small, Low NF, Single Band LNA-IC for 600 MHz Band Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

AN26027A Datasheet(HTML) 2 Page - Panasonic Battery Group

  AN26027A_13 Datasheet HTML 1Page - Panasonic Battery Group AN26027A_13 Datasheet HTML 2Page - Panasonic Battery Group AN26027A_13 Datasheet HTML 3Page - Panasonic Battery Group AN26027A_13 Datasheet HTML 4Page - Panasonic Battery Group AN26027A_13 Datasheet HTML 5Page - Panasonic Battery Group AN26027A_13 Datasheet HTML 6Page - Panasonic Battery Group AN26027A_13 Datasheet HTML 7Page - Panasonic Battery Group AN26027A_13 Datasheet HTML 8Page - Panasonic Battery Group AN26027A_13 Datasheet HTML 9Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AN26027A
2
Ver. CEB
ABSOLUTE MAXIMUM RATINGS
Notes). This product may sustain permanent damage if subjected to conditions higher than the above stated absolute maximum rating.
This rating is the maximum rating and device operating at this range is not guaranteeable as it is higher than our stated
recommended operating range.
When subjected under the absolute maximum rating for a long time, the reliability of the product may be affected.
*1:The values under the condition not exceeding the above absolute maximum ratings and the power dissipation.
*2:Except for the operating ambient temperature, operating junction temperature, and storage temperature,
all ratings are for Ta = 25
°C.
*3:RF signal input pin. Do not apply DC.
*4:RF signal output pin. Do not apply DC
.
0.036W
0.072W
1391.0℃/W
WLCSP
PD (Ta=75
°C)
PD (Ta=25
°C)
θ
JA
PACKAGE
POWER DISSIPATION RATING
Note). For the actual usage, please refer to the PD-Ta characteristics diagram in the package specification, supply
voltage, load and ambient temperature conditions to ensure that there is enough margin follow the power and
the thermal design does not exceed the allowable value.
CAUTION
Although this has limited built-in ESD protection circuit, but permanent damage may occur on it.
Therefore, proper ESD precautions are recommended to avoid electrostatic damage to the MOS gates
RECOMMENDED OPERATING CONDITIONS
2.85
Typ.
2.5
Min.
*1
V
3.0
VCC
Supply voltage range
Note
Unit
Max.
Symbol
Parameter
Note) *1 : The values under the condition not exceeding the above absolute maximum ratings and the power dissipation.
V
-0.3 to VCC
CNT (Pin No.B1)
*4
V
OUT (Pin No.A3)
*3
V
IN (Pin No.A1)
Input Voltage Range
mA
18
ICC
Supply current
*2
°C
–40 to +125
Tj
Operating junction temperature
V
100
MM (Machine Model)
*2
°C
–40 to +125
Tstg
Storage temperature
kV
1
HBM (Human Body Model)
ESD
Note
Unit
Rating
Symbol
Parameter
*2
°C
–25 to 75
Topr
Operating ambient temperature
*1
V
3.6
VCC
Supply voltage


Similar Part No. - AN26027A_13

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN26027A PANASONIC-AN26027A Datasheet
285Kb / 12P
   Single band LNA-IC for 600 MHz band applications
More results

Similar Description - AN26027A_13

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26032A PANASONICBATTERY-AN26032A Datasheet
348Kb / 11P
   Ultra small , Single Band LNA-IC with Band-limiting filter for 600 MHz Band Applications
logo
Panasonic Semiconductor
AN26027A PANASONIC-AN26027A Datasheet
285Kb / 12P
   Single band LNA-IC for 600 MHz band applications
logo
Panasonic Battery Group
AN26025A PANASONICBATTERY-AN26025A Datasheet
335Kb / 11P
   Ultra small, Single Band LNA-IC for 5 GHz Band Applications
AN26024A PANASONICBATTERY-AN26024A Datasheet
337Kb / 11P
   Ultra small, Single Band LNA-IC for 2.4 GHz Band Applications
AN26031A PANASONICBATTERY-AN26031A Datasheet
393Kb / 16P
   Single Band LNA-IC for 2.5 GHz Band Applications
logo
Panasonic Semiconductor
AN26011A PANASONIC-AN26011A Datasheet
395Kb / 16P
   LNA-IC for 800 MHz / 450 MHz Band Applications
AN26018A PANASONIC-AN26018A Datasheet
335Kb / 14P
   LNA IC for UHF Band (400 MHz to 800 MHz) Applications
logo
Panasonic Battery Group
AN26011A PANASONICBATTERY-AN26011A_13 Datasheet
325Kb / 17P
   LNA-IC for 800MHz / 450MHz Band Applications
logo
Infineon Technologies A...
BGA751L7 INFINEON-BGA751L7 Datasheet
689Kb / 22P
   Low Power Single-Band UMTS LNA (800, 900 MHz)
V3.2, May 2009
BGA777L7 INFINEON-BGA777L7 Datasheet
729Kb / 24P
   Single-Band UMTS LNA (2300 - 2700 MHz)
V3.0, July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com