Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN26027A Datasheet(PDF) 7 Page - Panasonic Battery Group

Part # AN26027A
Description  Ultra small, Low NF, Single Band LNA-IC for 600 MHz Band Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

AN26027A Datasheet(HTML) 7 Page - Panasonic Battery Group

Back Button AN26027A_13 Datasheet HTML 3Page - Panasonic Battery Group AN26027A_13 Datasheet HTML 4Page - Panasonic Battery Group AN26027A_13 Datasheet HTML 5Page - Panasonic Battery Group AN26027A_13 Datasheet HTML 6Page - Panasonic Battery Group AN26027A_13 Datasheet HTML 7Page - Panasonic Battery Group AN26027A_13 Datasheet HTML 8Page - Panasonic Battery Group AN26027A_13 Datasheet HTML 9Page - Panasonic Battery Group AN26027A_13 Datasheet HTML 10Page - Panasonic Battery Group AN26027A_13 Datasheet HTML 11Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AN26027A
7
Ver. CEB
*1
dBm
–6.0
–12.0
High-Gain mode
f1 = fRXb – 190 MHz
PRX1 = –27 dBm
f2 = fRXb – 95 MHz
PRX2 = –33 dBm
Input 2 signals (f1, f2)
P1dBHT
Input P1dB
HG
High-Gain mode
f1 = fRXb – 10 MHz
f2 = fRXb – 20 MHz
Input 2 signals (f1, f2)
Low-Gain mode
Low-Gain mode
PRX = –20 dBm
*1,*3
dB
3.0
1.3
High-Gain mode
NFHT
Noise Figure HG
*1
dB
9.0
6.5
NFLT
Noise Figure LG
*1
dBm
–4.0
–14.0
High-Gain mode
f1 = fRXb + 10 MHz
f2 = fRXb + 20 MHz
Input 2 signals (f1, f2)
IIP3H1Ta
IIP3 +10 MHz offset HG
LNA AC electrical characteristics
*1
dB
18.0
15.0
11.0
High-Gain mode
GHT
Power Gain HG
*1
dB
–1.0
–4.0
–8.5
GLT
Power Gain LG
*1
dBm
–4.0
–14.0
IIP3H2Ta
IIP3 +10 MHz offset HG
Reference values
Typ
Unit
Max
Note
Min
Conditions
Symbol
Parameter
Notes) Vcc = 2.5 V to 3.0 V
Ta = –25
°C to 75°C, fRXb = 470 MHz, 620 MHz, 770 MHz, PRX = –30 dBm, CW unless otherwise specified
APPLICATION INFORMATION (continued)
REFERENCE VALUES FOR DESIGN (continued)
Note)
*1 : Checked by design, not production tested.
*3 : Connector & substrate loss (0.10 dB) included.


Similar Part No. - AN26027A_13

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN26027A PANASONIC-AN26027A Datasheet
285Kb / 12P
   Single band LNA-IC for 600 MHz band applications
More results

Similar Description - AN26027A_13

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26032A PANASONICBATTERY-AN26032A Datasheet
348Kb / 11P
   Ultra small , Single Band LNA-IC with Band-limiting filter for 600 MHz Band Applications
logo
Panasonic Semiconductor
AN26027A PANASONIC-AN26027A Datasheet
285Kb / 12P
   Single band LNA-IC for 600 MHz band applications
logo
Panasonic Battery Group
AN26025A PANASONICBATTERY-AN26025A Datasheet
335Kb / 11P
   Ultra small, Single Band LNA-IC for 5 GHz Band Applications
AN26024A PANASONICBATTERY-AN26024A Datasheet
337Kb / 11P
   Ultra small, Single Band LNA-IC for 2.4 GHz Band Applications
AN26031A PANASONICBATTERY-AN26031A Datasheet
393Kb / 16P
   Single Band LNA-IC for 2.5 GHz Band Applications
logo
Panasonic Semiconductor
AN26011A PANASONIC-AN26011A Datasheet
395Kb / 16P
   LNA-IC for 800 MHz / 450 MHz Band Applications
AN26018A PANASONIC-AN26018A Datasheet
335Kb / 14P
   LNA IC for UHF Band (400 MHz to 800 MHz) Applications
logo
Panasonic Battery Group
AN26011A PANASONICBATTERY-AN26011A_13 Datasheet
325Kb / 17P
   LNA-IC for 800MHz / 450MHz Band Applications
logo
Infineon Technologies A...
BGA751L7 INFINEON-BGA751L7 Datasheet
689Kb / 22P
   Low Power Single-Band UMTS LNA (800, 900 MHz)
V3.2, May 2009
BGA777L7 INFINEON-BGA777L7 Datasheet
729Kb / 24P
   Single-Band UMTS LNA (2300 - 2700 MHz)
V3.0, July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com