Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM33B30J104KE18 Datasheet(PDF) 7 Page - Panasonic Battery Group

Part # GRM33B30J104KE18
Description  Ultra small, Single Band LNA-IC for 5 GHz Band Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

GRM33B30J104KE18 Datasheet(HTML) 7 Page - Panasonic Battery Group

Back Button GRM33B30J104KE18 Datasheet HTML 3Page - Panasonic Battery Group GRM33B30J104KE18 Datasheet HTML 4Page - Panasonic Battery Group GRM33B30J104KE18 Datasheet HTML 5Page - Panasonic Battery Group GRM33B30J104KE18 Datasheet HTML 6Page - Panasonic Battery Group GRM33B30J104KE18 Datasheet HTML 7Page - Panasonic Battery Group GRM33B30J104KE18 Datasheet HTML 8Page - Panasonic Battery Group GRM33B30J104KE18 Datasheet HTML 9Page - Panasonic Battery Group GRM33B30J104KE18 Datasheet HTML 10Page - Panasonic Battery Group GRM33B30J104KE18 Datasheet HTML 11Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AN26025A
7
Ver. CEB
PIN FUNCTIONS
VCC
Power Supply
VCC
B3
High-Gain / Low-Gain switch
L: Low-Gain Mode
H: High-Gain Mode
Input
CNT
B1
GND
Ground
GND
A2
RF Input
Input
IN
A1
RF Output
Output
OUT
A3
Description
Type
Pin name
Pin No.
PIN CONFIGURATION
Top View
A3
B1
B3
A2
A1
FUNCTIONAL BLOCK DIAGRAM
Notes) This block diagram is for explaining functions. Part of the block diagram may be omitted, or it may be simplified.
A3
B1
B3
A2
A1
Top View
OUT
GND
IN
VCC
CNT


Similar Part No. - GRM33B30J104KE18

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
GRM33B30J104KE18 PANASONICBATTERY-GRM33B30J104KE18 Datasheet
337Kb / 11P
   Ultra small, Single Band LNA-IC for 2.4 GHz Band Applications
GRM33B30J104KE18 PANASONICBATTERY-GRM33B30J104KE18 Datasheet
337Kb / 12P
   Ultra small, Low NF, Single Band LNA-IC for 600 MHz Band Applications
GRM33B30J104KE18 PANASONICBATTERY-GRM33B30J104KE18 Datasheet
348Kb / 11P
   Ultra small , Single Band LNA-IC with Band-limiting filter for 600 MHz Band Applications
More results

Similar Description - GRM33B30J104KE18

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26024A PANASONICBATTERY-AN26024A Datasheet
337Kb / 11P
   Ultra small, Single Band LNA-IC for 2.4 GHz Band Applications
AN26031A PANASONICBATTERY-AN26031A Datasheet
393Kb / 16P
   Single Band LNA-IC for 2.5 GHz Band Applications
AN26027A PANASONICBATTERY-AN26027A_13 Datasheet
337Kb / 12P
   Ultra small, Low NF, Single Band LNA-IC for 600 MHz Band Applications
AN26032A PANASONICBATTERY-AN26032A Datasheet
348Kb / 11P
   Ultra small , Single Band LNA-IC with Band-limiting filter for 600 MHz Band Applications
logo
Panasonic Semiconductor
AN26027A PANASONIC-AN26027A Datasheet
285Kb / 12P
   Single band LNA-IC for 600 MHz band applications
logo
Panasonic Battery Group
AN26011A PANASONICBATTERY-AN26011A_13 Datasheet
325Kb / 17P
   LNA-IC for 800MHz / 450MHz Band Applications
logo
Panasonic Semiconductor
AN26011A PANASONIC-AN26011A Datasheet
395Kb / 16P
   LNA-IC for 800 MHz / 450 MHz Band Applications
logo
Panasonic Battery Group
AN26218A PANASONICBATTERY-AN26218A Datasheet
443Kb / 23P
   UMTS triple band LNA-IC
logo
Panasonic Semiconductor
AN26018A PANASONIC-AN26018A Datasheet
335Kb / 14P
   LNA IC for UHF Band (400 MHz to 800 MHz) Applications
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com