Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQP03TN4N7H04 Datasheet(PDF) 2 Page - Panasonic Battery Group

Part # LQP03TN4N7H04
Description  Ultra small, Single Band LNA-IC for 2.4 GHz Band Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

LQP03TN4N7H04 Datasheet(HTML) 2 Page - Panasonic Battery Group

  LQP03TN4N7H04 Datasheet HTML 1Page - Panasonic Battery Group LQP03TN4N7H04 Datasheet HTML 2Page - Panasonic Battery Group LQP03TN4N7H04 Datasheet HTML 3Page - Panasonic Battery Group LQP03TN4N7H04 Datasheet HTML 4Page - Panasonic Battery Group LQP03TN4N7H04 Datasheet HTML 5Page - Panasonic Battery Group LQP03TN4N7H04 Datasheet HTML 6Page - Panasonic Battery Group LQP03TN4N7H04 Datasheet HTML 7Page - Panasonic Battery Group LQP03TN4N7H04 Datasheet HTML 8Page - Panasonic Battery Group LQP03TN4N7H04 Datasheet HTML 9Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AN26024A
2
Ver. CEB
ABSOLUTE MAXIMUM RATINGS
V
-0.3 to VCC
CNT (Pin No.B1)
V
-0.3 to VCC
OUT (Pin No.A3)
mA
18
ICC
Supply current
*2
°C
-40to+125
Tj
Operating junction temperature
Input Voltage Range
*3
V
IN (Pin No.A1)
*2
°C
–55 to +125
Tstg
Storage temperature
kV
2
HBM (Human Body Model)
ESD
Note
Unit
Rating
Symbol
Parameter
*2
°C
–40 to +85
Topr
Operating ambient temperature
*1
V
3.7
VCC
Supply voltage
Notes). This product may sustain permanent damage if subjected to conditions higher than the above stated absolute maximum rating.
This rating is the maximum rating and device operating at this range is not guaranteeable as it is higher than our stated
recommended operating range.
When subjected under the absolute maximum rating for a long time, the reliability of the product may be affected.
*1:The values under the condition not exceeding the above absolute maximum ratings and the power dissipation.
*2:Except for the operating ambient temperature, operating junction temperature and storage temperature,
all ratings are for Ta = 25
°C.
*3:RF signal input pin. Do not apply DC. Do not apply more than 0 dBm to RF input.
POWER DISSIPATION RATING
Note). For the actual usage, please refer to the PD-Ta characteristics diagram in the package specification, supply
voltage, load and ambient temperature conditions to ensure that there is enough margin follow the power and
the thermal design does not exceed the allowable value.
CAUTION
Although this has limited built-in ESD protection circuit, but permanent damage may occur on it.
Therefore, proper ESD precautions are recommended to avoid electrostatic damage to the MOS gates
0.029 W
0.072 W
1391℃/W
WLCSP
PD (Ta=85
°C)
PD (Ta=25
°C)
θ
JA
PACKAGE
RECOMMENDED OPERATING CONDITIONS
3.3
Typ.
3.0
Min.
*1
V
3.6
VCC
Supply voltage range
Note
Unit
Max.
Symbol
Parameter
Note) *1 : The values under the condition not exceeding the above absolute maximum ratings and the power dissipation.


Similar Part No. - LQP03TN4N7H04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP03TN4N7H00 MURATA-LQP03TN4N7H00 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQP03TN4N7H02 MURATA-LQP03TN4N7H02 Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN4N7H02D MURATA-LQP03TN4N7H02D Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
More results

Similar Description - LQP03TN4N7H04

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26025A PANASONICBATTERY-AN26025A Datasheet
335Kb / 11P
   Ultra small, Single Band LNA-IC for 5 GHz Band Applications
AN26031A PANASONICBATTERY-AN26031A Datasheet
393Kb / 16P
   Single Band LNA-IC for 2.5 GHz Band Applications
AN26027A PANASONICBATTERY-AN26027A_13 Datasheet
337Kb / 12P
   Ultra small, Low NF, Single Band LNA-IC for 600 MHz Band Applications
AN26032A PANASONICBATTERY-AN26032A Datasheet
348Kb / 11P
   Ultra small , Single Band LNA-IC with Band-limiting filter for 600 MHz Band Applications
logo
Panasonic Semiconductor
AN26027A PANASONIC-AN26027A Datasheet
285Kb / 12P
   Single band LNA-IC for 600 MHz band applications
logo
Panasonic Battery Group
AN26011A PANASONICBATTERY-AN26011A_13 Datasheet
325Kb / 17P
   LNA-IC for 800MHz / 450MHz Band Applications
logo
WALSIN TECHNOLOGY CORPO...
RFBPF2012080AC2T00 WALSIN-RFBPF2012080AC2T00 Datasheet
561Kb / 7P
   2.4 GHz ISM Band RF Applications
RFBPB2012090ART WALSIN-RFBPB2012090ART Datasheet
588Kb / 7P
   2.4 GHz ISM Band RF applications
RFBPB2012090AM8T62 WALSIN-RFBPB2012090AM8T62 Datasheet
596Kb / 7P
   2.4 GHz ISM Band RF Applications
logo
Panasonic Semiconductor
AN26011A PANASONIC-AN26011A Datasheet
395Kb / 16P
   LNA-IC for 800 MHz / 450 MHz Band Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com