Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74OL6010 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74OL6010
Description  HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74OL6010 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74OL6010 Datasheet HTML 3Page - Fairchild Semiconductor 74OL6010 Datasheet HTML 4Page - Fairchild Semiconductor 74OL6010 Datasheet HTML 5Page - Fairchild Semiconductor 74OL6010 Datasheet HTML 6Page - Fairchild Semiconductor 74OL6010 Datasheet HTML 7Page - Fairchild Semiconductor 74OL6010 Datasheet HTML 8Page - Fairchild Semiconductor 74OL6010 Datasheet HTML 9Page - Fairchild Semiconductor 74OL6010 Datasheet HTML 10Page - Fairchild Semiconductor 74OL6010 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
3/19/03
Page 7 of 15
© 2003 Fairchild Semiconductor Corporation
HIGH-SPEED
LOGIC-TO-LOGIC OPTOCOUPLERS
TTL BUFFER
74OL6000
TTL INVERTER
74OL6001
CMOS BUFFER
74OL6010
CMOS INVERTER
74OL6011
LSTTL TO
-200
-300
0
100
-100
-40
-20
0
20
40
60
80
100
TA - AMBIENT TEMPERATURE (˚C)
Figure 1. Input Current vs. Ambient Temperature
VCCI = 5.5V
VIH = 4.5V
VIL = 0.4V
15
14
13
12
11
10
9
8
7
6
5
-40
-20
0
20
40
60
80
100
TA - AMBIENT TEMPERATURE (˚C)
Figure 2. Input Supply Current vs. Ambient Temperature
I
CCIH - 74OL6000-6010
I
CCIL - 74OL6001-6011
I
CCIH - 74OL6001-6011
I
CCIL - 74OL6000-6010
V
CCI = 5.5V
3
0
9
12
15
6
-40
-20
0
20
40
60
80
100
TA - AMBIENT TEMPERATURE (˚C)
Figure 3. Output Supply Current vs. Ambient Temperature
Figure 4. Output Current vs. Ambient Temperature
-20
-30
-10
20
10
30
50
40
60
0
-40
-20
0
20
40
60
80
100
TA - AMBIENT TEMPERATURE (˚C)
I
IH
I
IL
VCCI = 5.5V
VCCO = 15V
VCCI = 5.5V
VCCO = 5.5V
74OL6010/6011
VCCI = 5.5V
VCCO = 5.5V
74OL6000/6001
74OL6010/6011
ICCOH
ICCOL
ICCOH
ICCOL
ICCOH
ICCOL
(74OL6000/6001)
IOH
IOL
VCCI = 4.5V
VCCO = 4.5V
VOL = 0.6V
VOH = 2.4V
1
0
3
4
5
2
-40
-20
0
20
40
60
80
100
TA - AMBIENT TEMPERATURE (˚C)
Figure 5. High-Level Output Voltage vs. Ambient Temperature
Figure 6. Low-Level Output Voltage vs. Ambient Temperature
0.1
0.2
0.3
0.4
0.5
-40
-20
0
20
40
60
80
100
TA - AMBIENT TEMPERATURE (˚C)
VCCI = 4.5V
VCCO = 4.5V
IOH = -400
µA
@ IOL = 16mA
@ IOL = 4mA
VCCI = 4.5V
VCCO = 4.5V


Similar Part No. - 74OL6010

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
74OL6010 QT-74OL6010 Datasheet
793Kb / 9P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Fairchild Semiconductor
74OL6010 FAIRCHILD-74OL6010 Datasheet
613Kb / 15P
   OPTOPLANAR HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
More results

Similar Description - 74OL6010

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
74OL6000 QT-74OL6000 Datasheet
793Kb / 9P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Fairchild Semiconductor
74OL6000 FAIRCHILD-74OL6000_05 Datasheet
613Kb / 15P
   OPTOPLANAR HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Opto Electronics Co,. L...
6N137 E-OEC-6N137 Datasheet
284Kb / 6P
   VERY HIGH-SPEED LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
H11N1 FAIRCHILD-H11N1 Datasheet
523Kb / 9P
   6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
H11N1M FAIRCHILD-H11N1M Datasheet
248Kb / 10P
   6-Pin DIP High Speed Logic Optocouplers
H11N2M FAIRCHILD-H11N2M Datasheet
248Kb / 10P
   6-Pin DIP High Speed Logic Optocouplers
6N137 FAIRCHILD-6N137_08 Datasheet
322Kb / 12P
   High Speed 10MBit/s Logic Gate Optocouplers
H11N1-M FAIRCHILD-H11N1-M_05 Datasheet
522Kb / 9P
   6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com