Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCC-103D-RT Datasheet(PDF) 8 Page - ON Semiconductor

Part # TCC-103D-RT
Description  PTIC Control IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCC-103D-RT Datasheet(HTML) 8 Page - ON Semiconductor

Back Button TCC-103D-RT Datasheet HTML 4Page - ON Semiconductor TCC-103D-RT Datasheet HTML 5Page - ON Semiconductor TCC-103D-RT Datasheet HTML 6Page - ON Semiconductor TCC-103D-RT Datasheet HTML 7Page - ON Semiconductor TCC-103D-RT Datasheet HTML 8Page - ON Semiconductor TCC-103D-RT Datasheet HTML 9Page - ON Semiconductor TCC-103D-RT Datasheet HTML 10Page - ON Semiconductor TCC-103D-RT Datasheet HTML 11Page - ON Semiconductor TCC-103D-RT Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TCC−103
http://onsemi.com
8
Theory of Operation
Overview
The control IC outputs are directly controlled by
programming the three DACs (DAC A, DAC B, and
DAC C) through the digital interface. The DACs are 8-bit
DACs used in a 7-bit format.
The DAC stages are driven from a reference voltage,
generating an analog output voltage driving a high-voltage
amplifier supplied from the boost converter (see Control IC
block diagram − Figure 1).
The control IC output voltages are scaled from 0 to 24 V,
with 128 steps of 188 mV (2
× 24 V/255 = 0.188235 V).
The nominal control IC output can be approximated to
188 mV
× (DAC value).
For performance optimization the boost output voltage
(VHV) can be programmed to levels between 9 V and 24 V
via the DAC_boost register (4 bits with 1 V steps). The
startup default level for the boosted voltage is VHV = 20 V.
For proper operation and to avoid saturation of the output
devices and noise issues it is recommended to operate the
boosted VHV voltage at least 2 V above the highest
programmed VOUT voltage of any of the three outputs.
When the DAC output value is set to 00h the
corresponding output is disabled and the output is pulled to
GND through an effective impedance of less than 800
W.
Operating Modes
The following operating modes are available:
1. Shutdown Mode: All circuit blocks are off, the
DAC outputs are disabled and placed in high
Z state and current consumption is limited to
minimal leakage current. The shutdown mode is
entered upon initial application of AVDD or upon
VIO being placed in the low state. The contents of
the registers are not maintained in shutdown mode.
2. Startup Mode: Startup is only a transitory mode.
Startup mode is entered upon a VIO high state. In
startup mode all registers are reset to their default
states, the digital interface is functional, the boost
converter is activated, outputs OUT A, OUT B,
and OUT C are disabled and the DAC outputs are
placed in a high Z state. Control software can
request a full hardware and register reset of the
TCC−103 by sending an appropriate PWR_MODE
command to direct the chip from either the active
mode or the low power mode to the startup mode.
From the startup mode the device automatically
proceeds to the Active mode.
3. Active Mode: All blocks of the TCC−103 are
activated and the DAC outputs are fully controlled
through the digital interface. The DAC settings
can be dynamically modified and the HV outputs
will be adjusted according to the specified timing
diagrams. Each DAC can be individually
controlled and/or switched off according to
application requirements. Active mode is
automatically entered from the startup mode. Active
mode can also be entered from the low power mode
under control software command.
4. Low Power Mode: In low power mode the serial
interface is enabled, the DAC outputs are disabled
and are placed in a high Z state and the boost
voltage circuit is disabled. Control software can
request to enter the low power mode from the
active mode by sending an appropriate
PWR_MODE command. The contents of all
registers are maintained in the low power mode.
AVDD Power-On Reset
Upon application of AVDD the TCC−103 will be in
shutdown mode. All circuit blocks are off and the chip draws
only minimal leakage current.
VIO Power-On Reset and Startup Conditions
A high level on VIO places the chip in startup mode which
provides a power on reset (POR) to the TCC−103. POR
resets all registers to their default settings as described in
Table 8. VIO POR also resets the serial interface circuitry.
POR is not a brown-out detector and VIO needs to be
brought back to a low level to enable the POR to trigger
again.
Table 8. VIO POWER-ON RESET AND STARTUP
Register
Default State
for VIO POR
Comment
DAC Boost
[1011]
VHV = 20 V
Power Mode
[01] > [00]
Transitions from
SHUTDOWN to STARTUP
and then Automatically to
ACTIVE Mode
DAC Enable
[000]
VOUT A, B and C Disabled
DAC A
Output in High-Z Mode
DAC B
Output in High-Z Mode
DAC C
Output in High-Z Mode
VIO Shutdown
A low level at any time on VIO places the chip in
shutdown mode in which all circuit blocks are off. The
contents of the registers are not maintained in shutdown
mode.


Similar Part No. - TCC-103D-RT

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
TCC-100 MOXA-TCC-100 Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100-T MOXA-TCC-100-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I MOXA-TCC-100I Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I-T MOXA-TCC-100I-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
logo
ON Semiconductor
TCC-106 ONSEMI-TCC-106 Datasheet
505Kb / 24P
   Six-Output PTIC Control IC
September, 2015 ??Rev. 5
More results

Similar Description - TCC-103D-RT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCC-106 ONSEMI-TCC-106 Datasheet
505Kb / 24P
   Six-Output PTIC Control IC
September, 2015 ??Rev. 5
TCC-206 ONSEMI-TCC-206 Datasheet
559Kb / 33P
   Six-Output PTIC Control IC
November, 2015 ??Rev. 1
TCC-303 ONSEMI-TCC-303 Datasheet
583Kb / 32P
   Three-Output PTIC Control IC
September, 2019 ??Rev. 5
TCC-303-D ONSEMI-TCC-303-D Datasheet
609Kb / 32P
   Three-Output PTIC Control IC
September, 2017 ??Rev. 4
TCC-404 ONSEMI-TCC-404 Datasheet
511Kb / 40P
   Four-Output PTIC Control IC
September, 2019 ??Rev. 1
TCC-202 ONSEMI-TCC-202 Datasheet
447Kb / 23P
   Two-Output PTIC Control IC
November, 2015 ??Rev. 2
TCC-226 ONSEMI-TCC-226 Datasheet
960Kb / 33P
   Six-Output PTIC Control IC
June, 2016 ??Rev. 0
logo
Shindengen Electric Mfg...
MS1003SH SHINDENGEN-MS1003SH Datasheet
1Mb / 41P
   Control IC
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com