Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCC-103D-PT Datasheet(PDF) 7 Page - ON Semiconductor

Part # TCC-103D-PT
Description  PTIC Control IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCC-103D-PT Datasheet(HTML) 7 Page - ON Semiconductor

Back Button TCC-103D-PT Datasheet HTML 3Page - ON Semiconductor TCC-103D-PT Datasheet HTML 4Page - ON Semiconductor TCC-103D-PT Datasheet HTML 5Page - ON Semiconductor TCC-103D-PT Datasheet HTML 6Page - ON Semiconductor TCC-103D-PT Datasheet HTML 7Page - ON Semiconductor TCC-103D-PT Datasheet HTML 8Page - ON Semiconductor TCC-103D-PT Datasheet HTML 9Page - ON Semiconductor TCC-103D-PT Datasheet HTML 10Page - ON Semiconductor TCC-103D-PT Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TCC−103
http://onsemi.com
7
Table 7. ANALOG OUTPUTS (OUT A, OUT B, OUT C)
(AVDD from 2.3 V to 5.5 V; VIO from 1.1 V to 3.0 V; VHV = 24 V; TA = −30 to +85°C; RLOAD = ∞ unless otherwise specified)
Parameter
Description
Min
Typ
Max
Unit
Comment
Shutdown Mode
ZOUT
OUT A, OUT B, OUT C
Output Impedance
7
MW
DAC Disabled
Active Mode
VOH
Maximum Output Voltage
22.0
V
DAC A, B or C = FFh, DAC Boost = Fh,
IOH <10 mA
VOL
Minimum Output Voltage
1
V
DAC A, B or C = 01h, DAC Boost = 0h to Fh,
IOH <10 mA
Slew Rate
6.5
10
ms
2 V to 20 V Step, Measured at VOUT = 15.2 V,
RLOAD = Equivalent Series Load of 5.6 kW
and 2.7 nF, Turbo Enabled
RPD
OUT A, OUT B, OUT C
Set In Pull Down Mode
800
W
DAC A, B or C = 00h, DAC Boost = 0h to Fh,
Selected Output(s) is Disabled
Resolution
Voltage Resolution
(1 Bit)
188
mV
(1 LSB = 1 Bit)
VOFFSET
Zero Scale, Least
Squared Best Fit
-1
+1
LSB
Error
-3.0
+3.0
%VOUT
Over 2 V – 18 V VO Range
DNL
Differential Non-linearity
Least Squared Best Fit
-0.9
+0.9
LSB
Over 2 V – 18 V VO Range
INL
Integral Non-linearity
Least Squared Best Fit
-1
+1
LSB
Over 2 V – 18 V VO Range
ISC
Over Current Protection
35
65
mA
Any DAC Output to Ground
VRIPPLE
Output Ripple with All
Outputs at Steady State
10
mV RMS
Over 2 V – 18 V VO Range, VHV = 20 V


Similar Part No. - TCC-103D-PT

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
TCC-100 MOXA-TCC-100 Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100-T MOXA-TCC-100-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I MOXA-TCC-100I Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I-T MOXA-TCC-100I-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
logo
ON Semiconductor
TCC-106 ONSEMI-TCC-106 Datasheet
505Kb / 24P
   Six-Output PTIC Control IC
September, 2015 ??Rev. 5
More results

Similar Description - TCC-103D-PT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCC-106 ONSEMI-TCC-106 Datasheet
505Kb / 24P
   Six-Output PTIC Control IC
September, 2015 ??Rev. 5
TCC-206 ONSEMI-TCC-206 Datasheet
559Kb / 33P
   Six-Output PTIC Control IC
November, 2015 ??Rev. 1
TCC-303 ONSEMI-TCC-303 Datasheet
583Kb / 32P
   Three-Output PTIC Control IC
September, 2019 ??Rev. 5
TCC-303-D ONSEMI-TCC-303-D Datasheet
609Kb / 32P
   Three-Output PTIC Control IC
September, 2017 ??Rev. 4
TCC-404 ONSEMI-TCC-404 Datasheet
511Kb / 40P
   Four-Output PTIC Control IC
September, 2019 ??Rev. 1
TCC-202 ONSEMI-TCC-202 Datasheet
447Kb / 23P
   Two-Output PTIC Control IC
November, 2015 ??Rev. 2
TCC-226 ONSEMI-TCC-226 Datasheet
960Kb / 33P
   Six-Output PTIC Control IC
June, 2016 ??Rev. 0
logo
Shindengen Electric Mfg...
MS1003SH SHINDENGEN-MS1003SH Datasheet
1Mb / 41P
   Control IC
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com