Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTU40N06 Datasheet(PDF) 4 Page - DinTek Semiconductor Co,.Ltd

Part # DTU40N06
Description  N-Channel 60-V (D-S) MOSFET TrenchFET Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTU40N06 Datasheet(HTML) 4 Page - DinTek Semiconductor Co,.Ltd

  DTU40N06 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTU40N06 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTU40N06 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTU40N06 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTU40N06 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTU40N06 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTU40N06 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.0
0.4
0.8
1.2
1.6
2.0
2.4
−50 −25
0
25
50
75
100 125 150 175
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ − Junction Temperature (_C)
VSD − Source-to-Drain Voltage (V)
100
1
0.01
0.3
0.6
0.9
1.2
VGS = 10 V
ID = 40 A
0
0.1
10
TJ = 25_C
TJ = 150_C
THERMAL RATINGS
Safe Operating Area
VDS − Drain-to-Source Voltage (V)
10
0.1
0.1
1
10
100
Limited by rDS(on)
1
1000
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10−4
10−3
10−2
10−1
110
Maximum Avalanche Drain Current
vs. Case Temperature
TC − Case Temperature (_C)
0
10
20
30
40
50
0
25
50
75
100
125
150
175
0.2
0.1
Duty Cycle = 0.5
10 ms
100 ms
1 s, dc
30
100 ms
10 ms
1 ms
0.05
0.02
Single Pulse
100
TC = 25_C
Single Pulse
www.din-tek.jp
DTU40N06


Similar Part No. - DTU40N06

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTU40N06 DINTEK-DTU40N06 Datasheet
278Kb / 7P
   TrenchFET Power MOSFET
logo
VBsemi Electronics Co.,...
DTU40N06 VBSEMI-DTU40N06 Datasheet
899Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
DTU40N06 DOINGTER-DTU40N06 Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com