Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVX4245MTC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74LVX4245MTC
Description  8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX4245MTC Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74LVX4245MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LVX4245MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LVX4245MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LVX4245MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LVX4245MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LVX4245MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LVX4245MTC Datasheet HTML 7Page - Fairchild Semiconductor 74LVX4245MTC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
Applications: Mixed Mode Dual Supply Interface Solution
LVX4245 is designed to solve 3V/5V interfacing issues
when CMOS devices cannot tolerate I/O levels above their
applied VCC. If an I/O pin of 3V ICs is driven by 5V ICs, the
P-Channel transistor in 3V ICs will conduct causing current
flow from I/O bus to the 3V power supply. The resulting
high current flow can cause destruction of 3V ICs through
latchup effects. To prevent this problem, a current limiting
resistor is used typically under direct connection of 3V ICs
and 5V ICs, but it causes speed degradation.
In a better solution, the LVX4245 configures two different
output levels to handle the dual supply interface issues.
The “A” port is a dedicated 5V port to interface 5V ICs. The
“B” port is a dedicated port to interface 3V ICs. Figure 2
shows how LVX4245 fits into a system with 3V subsystem
and 5V subsystem.
This device is also configured as an 8-bit 245 transceiver,
giving the designer 3-STATE capabilities and the ability to
select either bidirectional or unidirectional modes. Since
the center 20 pins are also pin compatible to 74 series 245,
as shown in Figure 1, the designer could use this device in
either a 3V system or a 5V system without any further work
to re-layout the board.
FIGURE 1. LVX4245 Pin Arrangement is Compatible to
20-Pin 74 Series 245
FIGURE 2. LVX4245 Fits into a System with 3V Subsystem and 5V Subsystem


Similar Part No. - 74LVX4245MTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LVX4245MTC NSC-74LVX4245MTC Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245MTCX NSC-74LVX4245MTCX Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
More results

Similar Description - 74LVX4245MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVX4245 NSC-54LVX4245 Datasheet
118Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245 NSC-74LVX4245 Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX3245 NSC-54LVX3245 Datasheet
114Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX4245_993 NSC-54LVX4245_993 Datasheet
120Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
Nexperia B.V. All right...
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com