Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISM97-6365AO-20.000 Datasheet(PDF) 1 Page - ILSI America LLC

Part # ISM97-6365AO-20.000
Description  2.5 mm x 3.2 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

ISM97-6365AO-20.000 Datasheet(HTML) 1 Page - ILSI America LLC

  ISM97-6365AO-20.000 Datasheet HTML 1Page - ILSI America LLC ISM97-6365AO-20.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.5 mm x 3.2 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM97 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
6/05/12
_B
Specifications subject to change without notice
Page 1
Recommended Pad layout
1.3
1.4
2.0
2.6
Dimension Units: mm
Pin Connection
1
Enable
2
GND
3
Output
4
Vcc
Product Features:
Applications:
Low Jitter, Non-PLL Based Output
Fibre Channel
CMOS/TTL Compatible Logic Levels
Server & Storage
Compatible with Leadfree Processing
Sonet /SDH
802.11 / Wifi
T1/E1, T3/E3
System Clock
NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 4) and GND (pin 2) to minimize power supply noise.
* Not available at all frequencies. ** Not available for all temperature ranges. *** Frequency, supply, and load related parameters.
Frequency
1.000 MHz to 152.250 MHz
Output Level
HC-MOS
TTL
‘0’ = 0.1 Vcc Max., ‘1’ = 0.9 Vcc Min.
‘0’ = 0.4 VDC Max., ‘1’ = 2.4 VDC Min.
Duty Cycle
Specify 50% ±10% or ±5% See Table in Part Number Guide
Rise / Fall Time
6 nS Max.
Output Load
See Table in Part Number Guide
Frequency Stability
See Frequency Stability Table (Includes room temperature tolerance and
stability over operating temperature)
Start-up Time
10 mS Max.
Enable / Disable
Time
100 nS Max. N.C. or ≥ 70% Vdd = Enable.
≤ 30% Vdd = Disable.
Supply Voltage
See Input Voltage Table, tolerance ±5 %
Current
25 mA Max. (5.0V)
20 mA Max. (1.8V-3.3V)
Operating
See Operating Temperature Table in Part Number Guide
Storage
-55C to +125C
Jitter:
RMS(1sigma)
1 MHz-60 MHz
5 pS RMS (1 sigma) Max. accumulated jitter (20K adjacent periods)
Max Integrated
1 MHz-60 MHz
1.5 pS RMS (1 sigma -12KHz to 20MHz)
Max Total Jitter
1 MHz-60 MHz
50 pS p-p (100K adjacent periods)
Part Number Guide
Sample Part Number:
ISM97 - 3251BH - 20.000
Package
Input
Voltage
Operating
Temperature
Symmetry
(Duty Cycle)
Output
Stability
(in ppm)
Enable /
Disable
Frequency
ISM97 -
5 = 5.0 V
1 = 0
 C to +70 C
5 = 45 / 55 Max.
1 = 10TTL / 15 pF HC-MOS
**E =
10
H = Enable
- 20.000 MHz
3 = 3.3 V
6 = -10
 C to +70 C
6 = 40 / 60 Max.
6 = 30 pF
**D =
15
O = N/C
7 = 3.0 V
3 = -20
 C to +70 C
5 = 50 pF HC-MOS (<40 MHz)
**F =
20
2 = 2.7 V
4 = -30
 C to +75 C
**A =
25
6 = 2.5 V
2 = -40
 C to +85 C
B =
50
1 = 1.8 V*
C =
100


Similar Part No. - ISM97-6365AO-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ISM91 ILSI-ISM91 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM91-1151AH-20.000 ILSI-ISM91-1151AH-20.000 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM91-1151AO-20.000 ILSI-ISM91-1151AO-20.000 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM91-1151BH-20.000 ILSI-ISM91-1151BH-20.000 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM91-1151BO-20.000 ILSI-ISM91-1151BO-20.000 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
More results

Similar Description - ISM97-6365AO-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ISM34 ILSI-ISM34 Datasheet
48Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD Oscillator, HC-MOS
ISM92-5151EH-20.000 ILSI-ISM92-5151EH-20.000 Datasheet
103Kb / 2P
   3.2 mm x 5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM92 ILSI-ISM92 Datasheet
113Kb / 2P
   3.2 mm x 5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM95 ILSI-ISM95 Datasheet
126Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
I603 ILSI-I603 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I604 ILSI-I604 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
ISM87 ILSI-ISM87 Datasheet
129Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD Oscillator
ISM671 ILSI-ISM671 Datasheet
124Kb / 3P
   3.2 mm x 2.5 mm Ceramic Package SMD Oscillator
ISM91 ILSI-ISM91 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM61 ILSI-ISM61 Datasheet
104Kb / 2P
   9 mm x 14 mm Plastic Package SMD Oscillator, TTL / HC-MOS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com