Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDT01N60 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NDT01N60
Description  N-Channel Power MOSFET 600 V, 8.5 ohm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDT01N60 Datasheet(HTML) 8 Page - ON Semiconductor

  NDT01N60 Datasheet HTML 1Page - ON Semiconductor NDT01N60 Datasheet HTML 2Page - ON Semiconductor NDT01N60 Datasheet HTML 3Page - ON Semiconductor NDT01N60 Datasheet HTML 4Page - ON Semiconductor NDT01N60 Datasheet HTML 5Page - ON Semiconductor NDT01N60 Datasheet HTML 6Page - ON Semiconductor NDT01N60 Datasheet HTML 7Page - ON Semiconductor NDT01N60 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NDD01N60, NDT01N60
http://onsemi.com
8
PACKAGE DIMENSIONS
DPAK (SINGLE GAUGE)
CASE 369C−01
ISSUE D
b
D
E
b3
L3
L4
b2
e
M
0.005 (0.13)
C
c2
A
c
C
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
D
0.235
0.245
5.97
6.22
E
0.250
0.265
6.35
6.73
A
0.086
0.094
2.18
2.38
b
0.025
0.035
0.63
0.89
c2
0.018
0.024
0.46
0.61
b2
0.030
0.045
0.76
1.14
c
0.018
0.024
0.46
0.61
e
0.090 BSC
2.29 BSC
b3
0.180
0.215
4.57
5.46
L4
−−−
0.040
−−−
1.01
L
0.055
0.070
1.40
1.78
L3
0.035
0.050
0.89
1.27
Z
0.155
−−−
3.93
−−−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. THERMAL PAD CONTOUR OPTIONAL WITHIN DI-
MENSIONS b3, L3 and Z.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS, OR BURRS. MOLD
FLASH, PROTRUSIONS, OR GATE BURRS SHALL
NOT EXCEED 0.006 INCHES PER SIDE.
5. DIMENSIONS D AND E ARE DETERMINED AT THE
OUTERMOST EXTREMES OF THE PLASTIC BODY.
6. DATUMS A AND B ARE DETERMINED AT DATUM
PLANE H.
12
3
4
5.80
0.228
2.58
0.102
1.60
0.063
6.20
0.244
3.00
0.118
6.17
0.243
mm
inches
SCALE 3:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
H
0.370
0.410
9.40
10.41
A1 0.000
0.005
0.00
0.13
L1
0.108 REF
2.74 REF
L2
0.020 BSC
0.51 BSC
A1
H
DETAIL A
SEATING
PLANE
A
B
C
L1
L
H
L2
GAUGE
PLANE
DETAIL A
ROTATED 90 CW
5
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NDD01N60/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NDT01N60

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDT01N60 ONSEMI-NDT01N60 Datasheet
136Kb / 8P
   N-Channel Power MOSFET 600 V, 8.5
January, 2013 ??Rev. 2
More results

Similar Description - NDT01N60

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDD01N60-1G ONSEMI-NDD01N60-1G Datasheet
136Kb / 8P
   N-Channel Power MOSFET 600 V, 8.5
January, 2013 ??Rev. 2
NDF04N60ZH ONSEMI-NDF04N60ZH Datasheet
140Kb / 9P
   N-Channel Power MOSFET 600 V, 2.0 Ohm
June, 2013 ??Rev. 8
NDF10N60ZH ONSEMI-NDF10N60ZH Datasheet
119Kb / 8P
   N-Channel Power MOSFET 600 V, 0.75 Ohm
February, 2012 ??Rev. 10
NDF06N60ZH ONSEMI-NDF06N60ZH Datasheet
116Kb / 8P
   N-Channel Power MOSFET 600 V, 1.2 
February, 2013 ??Rev. 6
NDF03N60Z ONSEMI-NDF03N60Z Datasheet
167Kb / 10P
   N-Channel Power MOSFET 600 V, 3.3 
April, 2010 ??Rev. 3
NDF08N60Z ONSEMI-NDF08N60Z Datasheet
118Kb / 6P
   N-Channel Power MOSFET 600 V, 0.95 ?
July, 2010 ??Rev. 0
NDF02N60ZH ONSEMI-NDF02N60ZH Datasheet
146Kb / 10P
   N-Channel Power MOSFET 600 V, 4.8 
July, 2013 ??Rev. 7
NDF03N60ZH ONSEMI-NDF03N60ZH Datasheet
137Kb / 10P
   N-Channel Power MOSFET 600 V, 3.6 
July, 2013 ??Rev. 7
NDF02N60Z ONSEMI-NDF02N60Z Datasheet
168Kb / 10P
   N-Channel Power MOSFET 600 V, 4.0 
April, 2010 ??Rev. 2
logo
Fairchild Semiconductor
FQU5N60CTU FAIRCHILD-FQU5N60CTU Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com