Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS37000DBRG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS37000DBRG
Description  Ground Fault Circuit Interrupter (GFCI)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS37000DBRG Datasheet(HTML) 3 Page - ON Semiconductor

  NCS37000DBRG Datasheet HTML 1Page - ON Semiconductor NCS37000DBRG Datasheet HTML 2Page - ON Semiconductor NCS37000DBRG Datasheet HTML 3Page - ON Semiconductor NCS37000DBRG Datasheet HTML 4Page - ON Semiconductor NCS37000DBRG Datasheet HTML 5Page - ON Semiconductor NCS37000DBRG Datasheet HTML 6Page - ON Semiconductor NCS37000DBRG Datasheet HTML 7Page - ON Semiconductor NCS37000DBRG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NCS37000
http://onsemi.com
3
Table 1. PIN FUNCTION DESCRIPTION − QFN
Pin #
Name
Pad Description
0
Ground
QFN center slug
1
MLD
Mains Level Detect (Zero Cross)
2
CTresGN
Determines IV converter gain for detection threshold / matched to CT turns ratio (Ground-Neutral)
3
CTbias
Direct connection to the CT
4
CTstim
Direct connection to the CT
5
CTresD
Determines IV converter gain for detection threshold / matched to CT turns ratio (Differential Current)
6
IDF
Front end noise filter capacitor
7
NC
Tie to Ground or leave floating
8
NC
Float
9
NC
Tie to Ground or leave floating
10
NC
Tie to Ground or leave floating
11
NC
Tie to Ground or leave floating
12
NC
Tie to Ground or leave floating
13
NC
Float
14
NC
Float
15
SCRdrv
Used to trigger the solenoid at a fault detection
16
Supply
Power supply
Table 2. PIN FUNCTION DESCRIPTION − TSSOP
Pin #
Name
Pad Description
1
CTstim
Differential and ground to neutral stimulus point for the current transformer
2
Ground
Ground connection for IC
3
CTresD
Determines IV converter gain for detection threshold / matched to CT turns ratio (Differential Current)
4
IDF
Determines corner frequency of the differential current path filter
5
GFtest
Output to induce external differential current
6
NC
Tie to Ground or leave floating
7
NC
Float
8
NC
Tie to Ground or leave floating
9
NC
Tie to Ground or leave floating
10
NC
Tie to Ground or leave floating
11
Ground
Ground connection for IC
12
NC
Float
13
NC
Float
14
SCRdrv
Used to trigger the solenoid at a fault detection
15
DVDD
Internal digital 5 V regulated supply
16
AVDD
Internal analog 5 V regulated supply
17
Supply
12 V shunt regulated power supply
18
MLD
Mains Level Detect (Zero Cross) and AM slope detect (for oscillator sync/trim and AM init)
19
CTresGN
Determines IV converter gain for detection threshold / matched to CT turns ratio (Ground-Neutral)
20
CTbias
External 2 V bias for the current transformer


Similar Part No. - NCS37000DBRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS37005 ONSEMI-NCS37005 Datasheet
120Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
NCS37005DAG ONSEMI-NCS37005DAG Datasheet
126Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
NCS37005DAG ONSEMI-NCS37005DAG Datasheet
120Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
NCS37005DARG ONSEMI-NCS37005DARG Datasheet
126Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
NCS37005DARG ONSEMI-NCS37005DARG Datasheet
120Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
More results

Similar Description - NCS37000DBRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS37014 ONSEMI-NCS37014 Datasheet
157Kb / 8P
   Self Test Ground Fault Circuit Interrupter (GFCI)
March, 2020 ??Rev. 2
NCS37012 ONSEMI-NCS37012 Datasheet
137Kb / 9P
   Self Test Ground Fault Circuit Interrupter (GFCI)
May, 2012 ??Rev. P0
NCS37012 ONSEMI-NCS37012_16 Datasheet
101Kb / 9P
   Self Test Ground Fault Circuit Interrupter (GFCI)
May, 2016 ??Rev. 0
NCS37015 ONSEMI-NCS37015 Datasheet
234Kb / 10P
   Self Test Ground Fault Circuit Interrupter (GFCI)
July, 2022 - Rev. 1
NCS37010 ONSEMI-NCS37010 Datasheet
182Kb / 12P
   Self Test With Lockout Ground Fault Circuit Interrupter (GFCI)
June, 2013 ??Rev. P2
logo
Texas Instruments
AFE3010 TI1-AFE3010 Datasheet
1Mb / 34P
[Old version datasheet]   AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
LM1851 TI1-LM1851 Datasheet
208Kb / 10P
[Old version datasheet]   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN1851A FAIRCHILD-FAN1851A Datasheet
122Kb / 11P
   Ground Fault Interrupter
logo
National Semiconductor ...
LM1851 NSC-LM1851 Datasheet
165Kb / 8P
   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN4146 FAIRCHILD-FAN4146 Datasheet
595Kb / 10P
   Ground Fault Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com