Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTS2315 Datasheet(PDF) 2 Page - DinTek Semiconductor Co,.Ltd

Part # DTS2315
Description  P-Channel 20 V (D-S) MOSFET TrenchFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS2315 Datasheet(HTML) 2 Page - DinTek Semiconductor Co,.Ltd

  DTS2315 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS2315 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS2315 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS2315 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS2315 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS2315 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS2315 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS2315 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTS2315 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 20
V
VDS Temperature Coefficient
V
DS/TJ
ID = - 250 µA
- 14
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
2.5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.4
- 1
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 10
µA
VDS = 0 V, VGS = ± 4.5 V
± 1
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V
- 1
VDS = - 20 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS - 5 V, VGS = - 4.5 V
- 15
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 4 A
0.0465
0.0650
VGS = - 2.5 V, ID = - 4 A
0.0740
0.0900
VGS = - 1.8 V, ID = - 2 A
0.1135
0.1175
Dynamicb
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 12V, ID = - 4.5 A
23.8
36
nC
VDS = - 10 V, VGS = - 4.5 V, ID = - 4.5 A
13.8
21
Gate-Source Charge
Qgs
1.9
Gate-Drain Charge
Qgd
3
Gate Resistance
Rg
f = 1 MHz
2.2
11
22
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 2.8 
ID  - 3.6 A, VGEN = - 4.5 V, Rg = 1 
22
33
ns
Rise Time
tr
21
32
Turn-Off Delay Time
td(off)
62
93
Fall Time
tf
14
21
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 2.8 
ID  - 3.6 A, VGEN = - 8 V, Rg = 1 
918
Rise Time
tr
612
Turn-Off Delay Time
td(off)
65
98
Fall Time
tf
15
23
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 1.4
A
Pulse Diode Forward Current
ISM
- 20
Body Diode Voltage
VSD
IS = - 3.6 A, VGS = 0 V
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 3.6 A, dI/dt = 100 A/µs, TJ = 25 °C
13
20
ns
Body Diode Reverse Recovery Charge
Qrr
510
nC
Reverse Recovery Fall Time
ta
8
ns
Reverse Recovery Rise Time
tb
5
DTS2315
www.din-tek.jp


Similar Part No. - DTS2315

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
DTS2315 VBSEMI-DTS2315 Datasheet
758Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - DTS2315

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4407 DINTEK-DTM4407 Datasheet
2Mb / 9P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTL40P03 DINTEK-DTL40P03 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTM4459 DINTEK-DTM4459 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTS2300S DINTEK-DTS2300S_13 Datasheet
780Kb / 7P
   N-Channel 20 V (D-S) MOSFET TrenchFET Power MOSFET
DTM4485 DINTEK-DTM4485 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTM4435 DINTEK-DTM4435_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTS3407 DINTEK-DTS3407 Datasheet
845Kb / 9P
   P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
DTM4953 DINTEK-DTM4953_13 Datasheet
1Mb / 9P
   Dual P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
DTM4953BDY DINTEK-DTM4953BDY Datasheet
1Mb / 9P
   Dual P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
DTS1004 DINTEK-DTS1004 Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET TrenchFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com