Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2021 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2021
Description  High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2021 Datasheet HTML 2Page - Maxim Integrated Products MAX2021 Datasheet HTML 3Page - Maxim Integrated Products MAX2021 Datasheet HTML 4Page - Maxim Integrated Products MAX2021 Datasheet HTML 5Page - Maxim Integrated Products MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products MAX2021 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MAX2021
High-Dynamic-Range, Direct Up-/Downconversion
650MHz to 1200MHz Quadrature Mod/Demod
6
Maxim Integrated
Typical Operating Characteristics
(MAX2021
Typical Application Circuit, VCC = 4.75V to 5.25V, GND = 0V, I/Q differential inputs driven from a 100Ω DC-coupled source,
0V common-mode input, PLO = 0dBm, 750MHz ≤ fLO ≤ 1200MHz, 50Ω LO and RF system impedance, R1 = 432Ω, R2 = 619Ω, R3 =
332Ω, TC = -40°C to +85°C. Typical values are at VCC = 5V, VBBI = 1.4VP-P differential, VBBQ = 1.4VP-P differential, fIQ = 1MHz,
fLO = 900MHz, TC = +25°C, unless otherwise noted.)
TOTAL SUPPLY CURRENT
vs. TEMPERATURE (TC)
TEMPERATURE (°C)
60
35
10
-15
220
240
260
280
VCC = 4.75V
VCC = 5.0V
300
200
-40
85
VCC = 5.25V
ACLR vs. OUTPUT POWER PER CARRIER
OUTPUT POWER PER CARRIER (dBm)
-17
-27
-37
-78
-76
-74
-72
-70
-68
-66
-64
-62
-60
-80
-47
-7
SINGLE-CARRIER WCDMA
ADJACENT CHANNEL
ALTERNATE CHANNEL
ACLR vs. OUTPUT POWER PER CARRIER
OUTPUT POWER PER CARRIER (dBm)
-17
-27
-37
-78
-76
-74
-72
-70
-68
-66
-64
-62
-60
-80
-47
-7
ADJACENT CHANNEL
ALTERNATE CHANNEL
TWO-CARRIER WCDMA
ACLR vs. OUTPUT POWER PER CARRIER
OUTPUT POWER PER CARRIER (dBm)
-17
-27
-37
-78
-76
-74
-72
-70
-68
-66
-64
-62
-60
-80
-47
-7
FOUR-CARRIER WCDMA
ADJACENT CHANNEL
ALTERNATE CHANNEL
SIDEBAND SUPPRESSION
vs. LO FREQUENCY
LO FREQUENCY (MHz)
1125
1050
975
900
825
20
30
40
50
60
70
10
750
1200
PLO = -3dBm
PLO = -6dBm
PLO = 0dBm
PLO = +3dBm
SIDEBAND SUPPRESSION
vs. LO FREQUENCY
LO FREQUENCY (MHz)
1125
1050
975
900
825
20
30
40
50
60
70
10
750
1200
VCC = 4.75V, 5.0V, 5.25V
SIDEBAND SUPPRESSION
vs. LO FREQUENCY
LO FREQUENCY (MHz)
1125
1050
975
900
825
20
30
40
50
60
70
10
750
1200
TC = +25°C
TC = +85°C
TC = -40°C
OUTPUT IP3 vs. LO FREQUENCY
LO FREQUENCY (MHz)
1125
1050
975
900
825
15
20
25
30
10
750
1200
TC = -40°C
TC = +85°C
TC = +25°C
PLO = 0dBm, VCC = 5.0V
OUTPUT IP3 vs. LO FREQUENCY
LO FREQUENCY (MHz)
1125
1050
975
900
825
15
20
25
30
10
750
1200
VCC = 5.25V
VCC = 5.0V
VCC = 4.75V
TC = +25°C
MODULATOR


Similar Part No. - MAX2021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2021 MAXIM-MAX2021 Datasheet
237Kb / 14P
   High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
MAX2021 MAXIM-MAX2021 Datasheet
809Kb / 15P
   700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 6/06
MAX2021 MAXIM-MAX2021 Datasheet
789Kb / 14P
   1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 7/06
MAX2021 MAXIM-MAX2021 Datasheet
248Kb / 8P
   Evaluation Kit
Rev 0; 10/06
MAX2021ETX MAXIM-MAX2021ETX Datasheet
237Kb / 14P
   High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
More results

Similar Description - MAX2021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2021 MAXIM-MAX2021 Datasheet
237Kb / 14P
   High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
MAX2023 MAXIM-MAX2023 Datasheet
210Kb / 13P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
MAX2023_V1 MAXIM-MAX2023_V1 Datasheet
476Kb / 18P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
MAX2022 MAXIM-MAX2022_12 Datasheet
2Mb / 20P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
Rev 1; 9/12
MAX2022 MAXIM-MAX2022_V01 Datasheet
1Mb / 26P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
MAX2022 MAXIM-MAX2022 Datasheet
293Kb / 14P
   High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator
Rev 0; 4/05
logo
Texas Instruments
TRF371109 TI1-TRF371109 Datasheet
1Mb / 47P
[Old version datasheet]   Direct Downconversion Receiver
logo
Maxim Integrated Produc...
MAX2031 MAXIM-MAX2031_09 Datasheet
1Mb / 20P
   High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 1; 6/09
MAX2032 MAXIM-MAX2032 Datasheet
1Mb / 19P
   High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 0; 9/09
MAX2700 MAXIM-MAX2700 Datasheet
328Kb / 28P
   1.8GHz to 2.5GHz Direct Downconversion Receivers
Rev 0; 4/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com