Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2021 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2021
Description  High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2021 Datasheet HTML 1Page - Maxim Integrated Products MAX2021 Datasheet HTML 2Page - Maxim Integrated Products MAX2021 Datasheet HTML 3Page - Maxim Integrated Products MAX2021 Datasheet HTML 4Page - Maxim Integrated Products MAX2021 Datasheet HTML 5Page - Maxim Integrated Products MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MAX2021
High-Dynamic-Range, Direct Up-/Downconversion
650MHz to 1200MHz Quadrature Mod/Demod
4
Maxim Integrated
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF INPUT
Conversion Loss
LC
fBB = 25MHz (Note 11)
9.2
dB
Noise Figure
NF
fLO = 900MHz
9.3
dB
Noise Figure Under-Blocking
NFBLOCK
fBLOCKER = 900MHz, PRF = 11dBm,
fRF = fLO = 890MHz (Note 12)
17.8
dB
Input Third-Order Intercept
IIP3
fRF1 = 925MHz, fRF2 = 926MHz, fLO =
900MHz, PRF = PLO = 0dBm, fSPUR = 24MHz
35.2
dBm
Input Second-Order Intercept
IIP2
fRF1 = 925MHz, fRF2 = 926MHz, fLO =
900MHz, PRF = PLO = 0dBm, fSPUR = 51MHz
76
dBm
Input 1dB Compression
P1dB
fIF = 50MHz, fLO = 900MHz, PLO = 0dBm
30
dBm
I/Q Gain Mismatch
fBB = 1MHz, fLO = 900MHz, PLO = 0dBm
0.06
dB
PLO = 0dBm
1.1
I/Q Phase Mismatch
fBB = 1MHz,
fLO = 900MHz
PLO = -3dBm
0.15
Degrees
Minimum Demodulation 3dB
Bandwidth
LO = 1160MHz LO > RF
> 550
MHz
Minimum 1dB Gain Flatness
LO = 1160MHz LO > RF
> 450
MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Loss
Lc
10.1
dB
Noise Figure
NFSSB
10.4
dB
Noise Figure Under Blocking
NFBLOCK
fBLOCKER = 700MHz, PBLOCKER = 11dBm,
fLO = 965MHz, fRF = 865MHz, (Note 12)
19
dB
fRF1 = 780MHz, fRF2 = 781MHz,
PRF1 = PRF2 = 0dBm, fIF1 = 185MHz,
fIF2 = 184MHz
34.5
Input Third-Order Intercept
Point
IIP3
fRF1 = 780MHz, fRF2 = 735MHz,
PRF1 = PRF2 = 0dBm, fIF1 = 185MHz,
fIF2 = 230MHz
34.6
dBm
AC ELECTRICAL CHARACTERISTICS (Demodulator)
(MAX2021
Typical Application Circuit when operated as a demodulator, VCC = 4.75V to 5.25V, GND = 0V, I/Q outputs are recombined
using network shown in Figure 5. Losses of combining network not included in measurements. VDC for BBI+. BBI-, BBQ+, BBQ- = 0V,
PRF = PLO = 0dBm, 750MHz ≤ fLO ≤ 1200MHz, 50Ω LO and RF system impedance, R1 = 432Ω, R2 = 619Ω, R3 = 332Ω, TC = -40°C to
+85°C. Typical values are at VCC = 5V, TC = +25°C, unless otherwise noted.) (Note 6)
AC ELECTRICAL CHARACTERISTICS (Demodulator LO = 965MHz)
(
Typical Application Circuit when operated as a demodulator. I/Q outputs are recombined using network shown in Figure 5. Losses of
combining network not included in measurements. RF and LO ports are driven from 50
Ω sources. Typical values are for TA = +25°C,
VCC = 5.0V, I/Q DC voltage return = 0V, PRF = 0dBm, PLO = 0dBm, fRF = 780MHz, fLO = 965MHz, fIF = 185MHz, unless otherwise noted.)


Similar Part No. - MAX2021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2021 MAXIM-MAX2021 Datasheet
237Kb / 14P
   High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
MAX2021 MAXIM-MAX2021 Datasheet
809Kb / 15P
   700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 6/06
MAX2021 MAXIM-MAX2021 Datasheet
789Kb / 14P
   1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 7/06
MAX2021 MAXIM-MAX2021 Datasheet
248Kb / 8P
   Evaluation Kit
Rev 0; 10/06
MAX2021ETX MAXIM-MAX2021ETX Datasheet
237Kb / 14P
   High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
More results

Similar Description - MAX2021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2021 MAXIM-MAX2021 Datasheet
237Kb / 14P
   High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
MAX2023 MAXIM-MAX2023 Datasheet
210Kb / 13P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
MAX2023_V1 MAXIM-MAX2023_V1 Datasheet
476Kb / 18P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
MAX2022 MAXIM-MAX2022_12 Datasheet
2Mb / 20P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
Rev 1; 9/12
MAX2022 MAXIM-MAX2022_V01 Datasheet
1Mb / 26P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
MAX2022 MAXIM-MAX2022 Datasheet
293Kb / 14P
   High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator
Rev 0; 4/05
logo
Texas Instruments
TRF371109 TI1-TRF371109 Datasheet
1Mb / 47P
[Old version datasheet]   Direct Downconversion Receiver
logo
Maxim Integrated Produc...
MAX2031 MAXIM-MAX2031_09 Datasheet
1Mb / 20P
   High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 1; 6/09
MAX2032 MAXIM-MAX2032 Datasheet
1Mb / 19P
   High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 0; 9/09
MAX2700 MAXIM-MAX2700 Datasheet
328Kb / 28P
   1.8GHz to 2.5GHz Direct Downconversion Receivers
Rev 0; 4/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com