Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTS1004 Datasheet(PDF) 3 Page - DinTek Semiconductor Co,.Ltd

Part # DTS1004
Description  N-Channel 100 V (D-S) MOSFET TrenchFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS1004 Datasheet(HTML) 3 Page - DinTek Semiconductor Co,.Ltd

  DTS1004 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS1004 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS1004 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS1004 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS1004 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS1004 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS1004 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS1004 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTS1004 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
1
2
3
4
5
00.5
11.5
2
V
DS - Drain-to-Source Voltage (V)
V
GS = 10 V thru 5 V
V
GS = 3 V
V
GS = 4 V
0.16
0.18
0.20
0.22
0.24
0.26
0.28
012345
I
D - Drain Current (A)
V
GS = 6 V
V
GS = 4.5 V
V
GS = 10 V
0
2
4
6
8
10
0
1.5
3
4.5
6
Q
g - Total Gate Charge (nC)
V
DS = 80 V
V
DS = 25 V
V
DS = 50 V
I
D = 1.6 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
0.6
1.2
1.8
2.4
3
01234
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = - 55 °C
T
C = 125 °C
0
60
120
180
240
300
0
20406080
100
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.4
0.85
1.3
1.75
2.2
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
I
D = 1.5 A
V
GS = 6 V
V
GS = 10 V
www.din-tek.jp
DTS1004


Similar Part No. - DTS1004

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS1003 DINTEK-DTS1003 Datasheet
1Mb / 8P
   P-Channel 100-V (D-S) MOSFET Halogen-free
More results

Similar Description - DTS1004

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTU40N10 DINTEK-DTU40N10_13 Datasheet
509Kb / 8P
   N-Channel 100-V (D-S) MOSFET TrenchFET Power MOSFETS
DTU15N10 DINTEK-DTU15N10_13 Datasheet
1Mb / 7P
   N-Channel 100 V (D-S) MOSFET TrenchFET Power MOSFETS
DTU40N06 DINTEK-DTU40N06_13 Datasheet
1Mb / 7P
   N-Channel 60-V (D-S) MOSFET TrenchFET Power MOSFET
DTS2300S DINTEK-DTS2300S_13 Datasheet
780Kb / 7P
   N-Channel 20 V (D-S) MOSFET TrenchFET Power MOSFET
DTU90N03 DINTEK-DTU90N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTP0403 DINTEK-DTP0403_13 Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTB3055 DINTEK-DTB3055 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
DTM4407 DINTEK-DTM4407 Datasheet
2Mb / 9P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTS2315 DINTEK-DTS2315 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET TrenchFET Power MOSFET
DTL40P03 DINTEK-DTL40P03 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com