Electronic Components Datasheet Search |
|
BR24G128NUX-3A Datasheet(PDF) 2 Page - Rohm |
|
BR24G128NUX-3A Datasheet(HTML) 2 Page - Rohm |
2 / 38 page 2/35 Datasheet Datasheet BR24Gxxx-3A (128K 256K 1M) TSZ02201-0R2R0G100020-1-2 25.Feb.2013 Rev.002 © 2013 ROHM Co., Ltd. All rights reserved. www.rohm.com TSZ22111・15・001 Absolute Maximum Ratings (Ta=25°C) Parameter Symbol Rating Unit Remark Supply Voltage Vcc -0.3 to +6.5 V Power Dissipation Pd 450 (SOP8) mW Derate by 4.5mW/°C when operating above Ta=25°C 450 (SOP-J8) Derate by 4.5mW/°C when operating above Ta=25°C 300 (SSOP-B8) Derate by 3.0mW/°C when operating above Ta=25°C 330 (TSSOP-B8) Derate by 3.3mW/°C when operating above Ta=25°C 310 (TSSOP-B8J) Derate by 3.1mW/°C when operating above Ta=25°C 310 (MSOP8) Derate by 3.1mW/°C when operating above Ta=25°C 300 (VSON008X2030) Derate by 3.0mW/°C when operating above Ta=25°C 800 (DIP-T8) Derate by 8.0mW/°C when operating above Ta=25°C Storage Temperature Tstg -65 to +150 °C Operating Temperature Topr -40 to +85 °C Input Voltage / Output Voltage ‐ -0.3 to Vcc+1.0 V The Max value of Input Voltage/Output Voltage is not over 6.5V. When the pulse width is 50ns or less, the Min value Input Voltage/Output Voltage is not lower than -1.0V. Junction Temperature Tjmax 150 °C Junction temperature at the storage condition Memory Cell Characteristics (Ta=25°C, Vcc=1.7V to 5.5V) Parameter Limit Unit Min Typ Max Write Cycles (1) 1,000,000 - - Times Data Retention (1) 40 - - Years (1) Not 100% TESTED Recommended Operating Ratings Parameter Symbol Rating Unit Power Source Voltage Vcc 1.7 to 5.5 V Input Voltage VIN 0 to Vcc DC Characteristics (Unless otherwise specified, Ta=-40°C to +85°C, Vcc =1.7V to 5.5V) Parameter Symbol Limit Unit Conditions Min Typ Max Input High Voltage 1 VIH1 0.7Vcc - Vcc+1.0 V Input Low Voltage 1 VIL1 -0.3 (2) - +0.3Vcc V Output Low Voltage 1 VOL1 - - 0.4 V IOL=3.0mA, 2.5V≦Vcc≦5.5V (SDA) Output Low Voltage 2 VOL2 - - 0.2 V IOL=0.7mA, 1.7V≦Vcc<2.5V (SDA) Input Leakage Current ILI -1 - +1 μA VIN=0 to Vcc Output Leakage Current ILO -1 - +1 μA VOUT=0 to Vcc (SDA) Supply Current (Write) ICC1 - - 2.5 mA VCC=5.5V,fSCL=1MHz, tWR=5ms, Byte write, Page write BR24G128/256-3A - - 4.5 VCC=5.5V,fSCL=1MHz, tWR=5ms, Byte write, Page write BR24G1M-3A Supply Current (Read) ICC2 - - 2.0 mA VCC=5.5V,fSCL=1MHz Random read, current read, sequential read Standby Current ISB - - 2.0 μA VCC=5.5V, SDA・SCL=Vcc A0,A1,A2=GND,WP=GND BR24G128/256-3A - - 3.0 VCC=5.5V, SDA・SCL=Vcc A0, A1, A2=GND,WP=GND BR24G1M-3A (2) When the pulse width is 50ns or less, it is -1.0V. |
Similar Part No. - BR24G128NUX-3A |
|
Similar Description - BR24G128NUX-3A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |