Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVX32 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74LVX32
Description  Low Voltage Quad 2-Input OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX32 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVX32 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX32 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX32 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX32 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX32 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX32 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
Package Number M14A


Similar Part No. - 74LVX32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX32 STMICROELECTRONICS-74LVX32 Datasheet
155Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
74LVX32 STMICROELECTRONICS-74LVX32 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX32 ONSEMI-74LVX32 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input OR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
STMicroelectronics
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
More results

Similar Description - 74LVX32

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ32 FAIRCHILD-74LVQ32 Datasheet
64Kb / 6P
   Low Voltage Quad 2-Input OR Gate
74LVX32 FAIRCHILD-74LVX32_08 Datasheet
305Kb / 8P
   Low Voltage Quad 2-Input OR Gate
74LVQ32 FAIRCHILD-74LVQ32_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input OR Gate
logo
ON Semiconductor
74LVX32 ONSEMI-74LVX32 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input OR Gate
February 2008 Rev. 1.4.0
logo
Motorola, Inc
MC74LVQ32 MOTOROLA-MC74LVQ32 Datasheet
183Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
logo
Fairchild Semiconductor
74LVX86 FAIRCHILD-74LVX86_08 Datasheet
306Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74LVX86 ONSEMI-74LVX86 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX86 FAIRCHILD-74LVX86 Datasheet
62Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
1996 REV 1
MC74LCX32 ONSEMI-MC74LCX32_12 Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input OR Gate
October, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com