Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1339AU Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1339AU
Description  Low-Current, I2C, Serial Real-Time Clock
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1339AU Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1339AU Datasheet HTML 7Page - Maxim Integrated Products DS1339AU Datasheet HTML 8Page - Maxim Integrated Products DS1339AU Datasheet HTML 9Page - Maxim Integrated Products DS1339AU Datasheet HTML 10Page - Maxim Integrated Products DS1339AU Datasheet HTML 11Page - Maxim Integrated Products DS1339AU Datasheet HTML 12Page - Maxim Integrated Products DS1339AU Datasheet HTML 13Page - Maxim Integrated Products DS1339AU Datasheet HTML 14Page - Maxim Integrated Products DS1339AU Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DS1339A
Low-Current, I2C, Serial Real-Time Clock
11
Maxim Integrated
Alarms
The DS1339A contains two time of day/date alarms.
Alarm 1 can be set by writing to registers 07h to 0Ah.
Alarm 2 can be set by writing to registers 0Bh to 0Dh.
The alarms can be programmed (by the Alarm Enable
and INTCN bits of the Control Register) to activate the
SQW/INT output on an alarm match condition. Bit 7 of
each of the time of day/date alarm registers are mask
bits (Table 4). When all the mask bits for each alarm
are logic 0, an alarm only occurs when the values in the
timekeeping registers 00h to 06h match the values stored
in the time of day/date alarm registers. The alarms can
also be programmed to repeat every second, minute,
hour, day, or date. Table 4 shows the possible settings.
Configurations not listed in the table result in illogical
operation.
The DY/DT bits (bit 6 of the alarm day/date registers)
control whether the alarm value stored in bits 0 to 5 of
that register reflects the day of the week or the date of
the month. If DY/DT is written to a logic 0, the alarm is
the result of a match with date of the month. If DY/DT is
written to a logic 1, the alarm is the result of a match with
day of the week.
The device checks for an alarm match once per second.
When the RTC register values match alarm register
settings, the corresponding Alarm Flag ‘A1F’ or ‘A2F’
bit is set to logic 1. If the corresponding Alarm Interrupt
Enable ‘A1IE’ or ‘A2IE’ is also set to logic 1 and the
INTCN bit is set to logic 1, the alarm condition activates
the SQW/INT signal. If the BBSQI bit is set to 1, the INT
output activates while the part is being powered by
VBACKUP. The alarm output remains active until the alarm
flag is cleared by the user.
Table 4. Alarm Mask Bits
DY/DT
ALARM1 REGISTER MASK BITS (BIT 7)
ALARM RATE
A1M4
A1M3
A1M2
A1M1
X
1
1
1
1
Alarm once per second
X
1
1
1
0
Alarm when seconds match
X
1
1
0
0
Alarm when minutes and seconds match
X
1
0
0
0
Alarm when hours, minutes, and seconds match
0
0
0
0
0
Alarm when date, hours, minutes, and seconds match
1
0
0
0
0
Alarm when day, hours, minutes, and seconds match
DY/DT
ALARM2 REGISTER MASK BITS (BIT 7)
ALARM RATE
A2M4
A2M3
A2M2
X
1
1
1
Alarm once per minute (00 sec. of every minute)
X
1
1
0
Alarm when minutes match
X
1
0
0
Alarm when hours and minutes match
0
0
0
0
Alarm when date, hours, and minutes match
1
0
0
0
Alarm when day, hours, and minutes match


Similar Part No. - DS1339AU

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339AU++ MAXIM-DS1339AU+ Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
More results

Similar Description - DS1339AU

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339B MAXIM-DS1339B Datasheet
657Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock for High-ESR Crystals
Rev 1 4/15
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Maxim Integrated Produc...
MAX31342 MAXIM-MAX31342 Datasheet
476Kb / 24P
   Low-Current, Real-Time Clock with I2C Interface
Rev 2; 4/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com