Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24G256FV-3A Datasheet(PDF) 8 Page - Rohm

Part # BR24G256FV-3A
Description  Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G256FV-3A Datasheet(HTML) 8 Page - Rohm

Back Button BR24G256FV-3A Datasheet HTML 4Page - Rohm BR24G256FV-3A Datasheet HTML 5Page - Rohm BR24G256FV-3A Datasheet HTML 6Page - Rohm BR24G256FV-3A Datasheet HTML 7Page - Rohm BR24G256FV-3A Datasheet HTML 8Page - Rohm BR24G256FV-3A Datasheet HTML 9Page - Rohm BR24G256FV-3A Datasheet HTML 10Page - Rohm BR24G256FV-3A Datasheet HTML 11Page - Rohm BR24G256FV-3A Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8/35
Datasheet
Datasheet
BR24Gxxx-3A (128K 256K 1M)
TSZ02201-0R2R0G100020-1-2
25.Feb.2013 Rev.002
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Typical Performance Curves‐continued
Figure 12. Supply Current (Read) vs Supply Voltage
(fscl=1MHz)
Figure 13. Standby Current vs Supply Voltage
(BR24G128/256-3A)
Figure 15. Clock Frequency vs Supply Voltage
Figure 14. Standby Current vs Supply Voltage
(BR24G1M-3A)
0.1
1
10
100
1000
10000
01
2
34
56
Supply Voltage : Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.5
1
1.5
2
2.5
01
23
456
Supply Voltage : Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.5
1
1.5
2
2.5
01
23
45
6
Supply Voltage : Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.5
1
1.5
2
2.5
3
3.5
0123
456
Supply Voltage : Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃


Similar Part No. - BR24G256FV-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G256FV-3A ROHM-BR24G256FV-3A Datasheet
2Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G256FV-3A ROHM-BR24G256FV-3A Datasheet
2Mb / 40P
   I2C BUS EEPROM
BR24G256FV-3AGTE2 ROHM-BR24G256FV-3AGTE2 Datasheet
2Mb / 40P
   I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G256FV-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G08-3 ROHM-BR24G08-3 Datasheet
1Mb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G16-3 ROHM-BR24G16-3 Datasheet
522Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3 Datasheet
532Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3 Datasheet
525Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3 Datasheet
526Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02-3 ROHM-BR24G02-3 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com