Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTM9435 Datasheet(PDF) 1 Page - DinTek Semiconductor Co,.Ltd

Part # DTM9435
Description  P-Channel 30-V (D-S) MOSFET Halogen-free
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTM9435 Datasheet(HTML) 1 Page - DinTek Semiconductor Co,.Ltd

  DTM9435 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTM9435 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTM9435 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTM9435 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTM9435 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTM9435 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTM9435 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTM9435 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
P-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
Compliant to RoHS Directive 2002/95/EC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
- 30
0.042 at VGS = - 10 V
- 5.8
0.055 at VGS = - 6 V
- 5.0
0.060 at VGS = - 4.5 V
- 4.4
SD
SD
S
D
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
S
G
D
P-Channel MOSFET
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
10 s
Steady State
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
- 5.8
- 4.1
A
TA = 70 °C
- 4.6
- 3.2
Pulsed Drain Current
IDM
- 30
Continuous Source Current (Diode Conduction)a
IS
- 2.3
- 1.1
Maximum Power Dissipationa
TA = 25 °C
PD
2.5
1.3
W
TA = 70 °C
1.6
0.8
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
40
50
°C/W
Steady State
70
95
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
24
30
www.din-tek.jp
DTM9435


Similar Part No. - DTM9435

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM9435 DINTEK-DTM9435 Datasheet
350Kb / 8P
   P-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
DTM9435 DOINGTER-DTM9435 Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - DTM9435

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTL15P03 DINTEK-DTL15P03_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS3401A DINTEK-DTS3401A_13 Datasheet
465Kb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTC3059 DINTEK-DTC3059_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4431 DINTEK-DTM4431 Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET Halogen-free
DTM4425 DINTEK-DTM4425_13 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS3401 DINTEK-DTS3401_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS6503 DINTEK-DTS6503_13 Datasheet
2Mb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTU15P03 DINTEK-DTU15P03_13 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4953A DINTEK-DTM4953A Datasheet
1Mb / 7P
   Dual P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4925 DINTEK-DTM4925 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com