Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTM9410 Datasheet(PDF) 2 Page - DinTek Semiconductor Co,.Ltd

Part # DTM9410
Description  N-Channel 30-V (D-S) MOSFET Halogen-free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTM9410 Datasheet(HTML) 2 Page - DinTek Semiconductor Co,.Ltd

  DTM9410_13 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTM9410_13 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTM9410_13 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTM9410_13 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTM9410_13 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTM9410_13 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTM9410_13 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTM9410_13 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTM9410_13 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
33
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 6.2
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
13
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 5 A
0.016
0.032
Ω
VGS = 4.5 V, ID = 4 A
0.029
0.045
Forward Transconductancea
gfs
VDS = 10 V, ID = 5 A
24
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
1295
pF
Output Capacitance
Coss
170
Reverse Transfer Capacitance
Crss
72
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 5 A
21.8
33
nC
VDS = 15 V, VGS = 4.5 V, ID = 5 A
9.2
14
Gate-Source Charge
Qgs
3.8
Gate-Drain Charge
Qgd
2.5
Gate Resistance
Rg
f = 1 MHz
2.4
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 3 Ω
ID ≅ 5 A, VGEN = 4.5 V, Rg = 1 Ω
21
40
ns
Rise Time
tr
14
25
Turn-Off DelayTime
td(off)
20
40
Fall Time
tf
918
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 3 Ω
ID ≅ 5 A, VGEN = 10 V, Rg = 1 Ω
10
20
Rise Time
tr
816
Turn-Off DelayTime
td(off)
21
35
Fall Time
tf
816
Drain-Source Body Diode Characteristics
Continous Source-Drain Diode Current
IS
TC = 25 °C
2.7
A
Pulse Diode Forward Current
ISM
30
Body Diode Voltage
VSD
IS = 1.7 A, VGS = 0 V
0.77
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 3 A, dI/dt = 100 A/µs, TJ = 25 °C
21
40
ns
Body Diode Reverse Recovery Charge
Qrr
15
30
nC
Reverse Recovery Fall Time
ta
13
ns
Reverse Recovery Rise Time
tb
8
www.din-tek.jp
DTM9410


Similar Part No. - DTM9410_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM9410 DINTEK-DTM9410 Datasheet
289Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - DTM9410_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS6504 DINTEK-DTS6504_13 Datasheet
2Mb / 9P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTU09N03 DINTEK-DTU09N03_13 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTU50N03 DINTEK-DTU50N03_13 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTP9530 DINTEK-DTP9530_13 Datasheet
2Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTS3400A DINTEK-DTS3400A Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTL15N03 DINTEK-DTL15N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTU06N03 DINTEK-DTU06N03_13 Datasheet
804Kb / 9P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTU70N03 DINTEK-DTU70N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTM4420B DINTEK-DTM4420B Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTC3058 DINTEK-DTC3058_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTL40N03 DINTEK-DTL40N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com