Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTM4946 Datasheet(PDF) 6 Page - DinTek Semiconductor Co,.Ltd

Part # DTM4946
Description  Dual N-Channel 60-V (D-S) MOSFET Halogen-free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTM4946 Datasheet(HTML) 6 Page - DinTek Semiconductor Co,.Ltd

  DTM4946 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTM4946 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTM4946 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTM4946 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTM4946 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTM4946 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTM4946 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTM4946 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTM4946 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 85 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Case
10-3
10-2
1
10-1
10-4
2
1
0.1
0.01
0.2
0.1
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
0.02
0.05
Single Pulse
www.din-tek.jp
DTM4946


Similar Part No. - DTM4946

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4946 DINTEK-DTM4946 Datasheet
304Kb / 9P
   Dual N-Channel 60-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
DTM4946 VBSEMI-DTM4946 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - DTM4946

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2N7002 DINTEK-DTS2N7002 Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET Halogen-free
DTS6400 DINTEK-DTS6400_13 Datasheet
438Kb / 9P
   N-Channel 60-V (D-S) MOSFET Halogen-free
DTM4964 DINTEK-DTM4964_13 Datasheet
1Mb / 9P
   N-Channel 60-V (D-S) MOSFET Halogen-free
DTM4948 DINTEK-DTM4948 Datasheet
1Mb / 8P
   Dual P-Channel 60-V (D-S) MOSFET Halogen-free
DTS7001 DINTEK-DTS7001 Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET Halogen-free
DTS64011 DINTEK-DTS64011 Datasheet
437Kb / 7P
   P-Channel 60 V (D-S) MOSFET Halogen-free
DTP3006 DINTEK-DTP3006_13 Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET Halogen-free
DTS2212 DINTEK-DTS2212_13 Datasheet
366Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET Halogen-free
DTM4936 DINTEK-DTM4936_13 Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET Halogen-free
DTM9936 DINTEK-DTM9936_13 Datasheet
1Mb / 9P
   Dual N-Channel 20-V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com