Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTM4946 Datasheet(PDF) 2 Page - DinTek Semiconductor Co,.Ltd

Part # DTM4946
Description  Dual N-Channel 60-V (D-S) MOSFET Halogen-free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTM4946 Datasheet(HTML) 2 Page - DinTek Semiconductor Co,.Ltd

  DTM4946_13 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTM4946_13 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTM4946_13 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTM4946_13 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTM4946_13 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTM4946_13 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTM4946_13 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTM4946_13 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTM4946_13 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
60
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
53
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 6.7
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
2.4
3.0
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 5.3 A
0.023
0.035
Ω
VGS = 4.5 V, ID = 4.7 A
0.031
0.04
Forward Transconductancea
gfs
VDS = 15 V, ID = 5.3 A
24
S
Dynamicb
Input Capacitance
Ciss
VDS = 30 V, VGS = 0 V, f = 1 MHz
840
pF
Output Capacitance
Coss
71
Reverse Transfer Capacitance
Crss
44
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 5.3 A
17
25
nC
VDS = 30 V, VGS = 5 V, ID = 5.3 A
9.2
12
Gate-Source Charge
Qgs
3.3
Gate-Drain Charge
Qgd
3.7
Gate Resistance
Rg
f = 1 MHz
3.1
6.5
9.5
Ω
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 6.8 Ω
ID ≅ 4.4 A, VGEN = 4.5 V, Rg = 1 Ω
20
30
ns
Rise Time
tr
120
180
Turn-Off Delay Time
td(off)
20
30
Fall Time
tf
30
45
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 6.8 Ω
ID ≅ 4.4 A, VGEN = 10 V, Rg = 1 Ω
10
15
Rise Time
tr
12
20
Turn-Off Delay Time
td(off)
25
40
Fall Time
tf
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
3.1
A
Pulse Diode Forward Currenta
ISM
30
Body Diode Voltage
VSD
IS = 2 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 4.4 A, dI/dt = 100 A/µs, TJ = 25 °C
25
50
ns
Body Diode Reverse Recovery Charge
Qrr
25
50
nC
Reverse Recovery Fall Time
ta
18
ns
Reverse Recovery Rise Time
tb
7
www.din-tek.jp
DTM4946


Similar Part No. - DTM4946_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4946 DINTEK-DTM4946 Datasheet
304Kb / 9P
   Dual N-Channel 60-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
DTM4946 VBSEMI-DTM4946 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - DTM4946_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2N7002 DINTEK-DTS2N7002 Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET Halogen-free
DTS6400 DINTEK-DTS6400_13 Datasheet
438Kb / 9P
   N-Channel 60-V (D-S) MOSFET Halogen-free
DTM4964 DINTEK-DTM4964_13 Datasheet
1Mb / 9P
   N-Channel 60-V (D-S) MOSFET Halogen-free
DTM4948 DINTEK-DTM4948 Datasheet
1Mb / 8P
   Dual P-Channel 60-V (D-S) MOSFET Halogen-free
DTS7001 DINTEK-DTS7001 Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET Halogen-free
DTS64011 DINTEK-DTS64011 Datasheet
437Kb / 7P
   P-Channel 60 V (D-S) MOSFET Halogen-free
DTP3006 DINTEK-DTP3006_13 Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET Halogen-free
DTS2212 DINTEK-DTS2212_13 Datasheet
366Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET Halogen-free
DTM4936 DINTEK-DTM4936_13 Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET Halogen-free
DTM9936 DINTEK-DTM9936_13 Datasheet
1Mb / 9P
   Dual N-Channel 20-V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com