Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTM4936 Datasheet(PDF) 5 Page - DinTek Semiconductor Co,.Ltd

Part # DTM4936
Description  Dual N-Channel 30-V (D-S) MOSFET Halogen-free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTM4936 Datasheet(HTML) 5 Page - DinTek Semiconductor Co,.Ltd

  DTM4936_13 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTM4936_13 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTM4936_13 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTM4936_13 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTM4936_13 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTM4936_13 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTM4936_13 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTM4936_13 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTM4936_13 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper dis-
sipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0.0
1.5
3.0
4.5
6.0
7.5
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power, Junction-to-Foot
0.0
0.7
1.4
2.1
2.8
3.5
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power, Junction-to-Ambient
0.0
0.3
0.6
0.9
1.2
1.5
0
25
50
75
100
125
150
TA -Ambient Temperature (°C)
www.din-tek.jp
DTM4936


Similar Part No. - DTM4936_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
DTM4936 DOINGTER-DTM4936 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET uses advanced trench technology
More results

Similar Description - DTM4936_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS6504 DINTEK-DTS6504_13 Datasheet
2Mb / 9P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTU09N03 DINTEK-DTU09N03_13 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTU50N03 DINTEK-DTU50N03_13 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTP9530 DINTEK-DTP9530_13 Datasheet
2Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTS3400A DINTEK-DTS3400A Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTL15N03 DINTEK-DTL15N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTU06N03 DINTEK-DTU06N03_13 Datasheet
804Kb / 9P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTU70N03 DINTEK-DTU70N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTM4420B DINTEK-DTM4420B Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTC3058 DINTEK-DTC3058_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com