Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR34E02NUX-3E2 Datasheet(PDF) 2 Page - Rohm

Part # BR34E02NUX-3E2
Description  Serial EEPROM Series Standard EEPROM Plug & Play EEPROM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR34E02NUX-3E2 Datasheet(HTML) 2 Page - Rohm

  BR34E02NUX-3E2 Datasheet HTML 1Page - Rohm BR34E02NUX-3E2 Datasheet HTML 2Page - Rohm BR34E02NUX-3E2 Datasheet HTML 3Page - Rohm BR34E02NUX-3E2 Datasheet HTML 4Page - Rohm BR34E02NUX-3E2 Datasheet HTML 5Page - Rohm BR34E02NUX-3E2 Datasheet HTML 6Page - Rohm BR34E02NUX-3E2 Datasheet HTML 7Page - Rohm BR34E02NUX-3E2 Datasheet HTML 8Page - Rohm BR34E02NUX-3E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Datasheet
Datasheet
2/30
TSZ02201-0R2R0G100520-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
25.Feb.2013 Rev.002
www.rohm.com
TSZ22111・15・001
BR34E02-3
Recommended Operating Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
1.7 to 5.5
V
Input Voltage
VIN
0 to VCC
V
DC Characteristics (Unless otherwise specified Ta=-40℃ to +85℃, VCC =1.7V to 5.5V)
Parameter
Symbol
Limit
Unit
Test Conditions
Min
Typ
Max
Input High Voltage
VIH
0.7 VCC
-
Vcc+1.0
V
Input Low Voltage
VIL
-0.3
-
0.3 VCC
V
Output Low Voltage 1
VOL1
-
-
0.4
V
IOL=2.1mA, 2.5V≦VCC≦5.5V(SDA)
Output Low Voltage 2
VOL2
-
-
0.2
V
IOL=0.7mA, 1.7V≦VCC<2.5V(SDA)
Input Leakage Current 1
ILI1
-1
-
1
µA
VIN=0V to VCC (A0, A1, A2, SCL)
Input Leakage Current 2
ILI2
-1
-
15
µA
VIN=0V to VCC (WP)
Input Leakage Current 3
ILI3
-1
-
20
µA
VIN=VHV(A0)
Output Leakage Current
ILO
-1
-
1
µA
VOUT=0V to VCC
Supply Current (Write)
ICC1
-
-
2.0
mA
VCC =5.5V, fSCL=400kHz, tWR=5ms
Byte Write
Page Write
Write Protect
Supply Current (Read)
ICC2
-
-
0.5
mA
VCC =5.5V, fSCL=400kHz
Random Read
Current Read
Sequential Read
Standby Current
ISB
-
-
2.0
µA
VCC =5.5V, SDA, SCL= VCC
A0, A1, A2=GND, WP=GND
A0 HV Voltage
VHV
7
-
10
V
VHV-VCC≧4.8V
AC Characteristics (Unless otherwise specified Ta=-40℃ to +85℃, VCC =1.7V to 5.5V)
Parameter
Symbol
Limit
Unit
Min
Typ
Max
Clock Frequency
fSCL
-
-
400
kHz
Data Clock High Period
tHIGH
0.6
-
-
µs
Data Clock Low Period
tLOW
1.2
-
-
µs
SDA and SCL Rise Time
( 1)
tR
-
-
0.3
µs
SDA and SCL Fall Time
(1)
tF
-
-
0.3
µs
Start Condition Hold Time
tHD:STA
0.6
-
-
µs
Start Condition Setup Time
tSU:STA
0.6
-
-
µs
Input Data Hold Time
tHD:DAT
0
-
-
ns
Input Data Setup Time
tSU:DAT
100
-
-
ns
Output Data Delay Time
tPD
0.1
-
0.9
µs
Output Data Hold Time
tDH
0.1
-
-
µs
Stop Condition Setup Time
tSU:STO
0.6
-
-
µs
Bus Free Time
tBUF
1.2
-
-
µs
Write Cycle Time
tWR
-
-
5
ms
Noise Spike Width
(SDA and SCL)
tI
-
-
0.1
µs
WP Hold Time
tHD:WP
0
-
-
µs
WP Setup Time
tSU:WP
0.1
-
-
µs
WP High Period
tHIGH:WP
1.0
-
-
µs
(1) Not 100% TESTED


Similar Part No. - BR34E02NUX-3E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR34E02NUX-W ROHM-BR34E02NUX-W Datasheet
484Kb / 19P
   DDR/DDR2 (For memory module) SPD Memory
BR34E02NUX-WE2 ROHM-BR34E02NUX-WE2 Datasheet
1Mb / 20P
   DDR/DDR2 (For memory module) SPD Memory
BR34E02NUX-WTR ROHM-BR34E02NUX-WTR Datasheet
1Mb / 20P
   DDR/DDR2 (For memory module) SPD Memory
More results

Similar Description - BR34E02NUX-3E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BRCA016GWZ-W ROHM-BRCA016GWZ-W_13 Datasheet
757Kb / 25P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BR25G512-3 ROHM-BR25G512-3 Datasheet
833Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR24G256-3 ROHM-BR24G256-3 Datasheet
490Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR24G01-3A ROHM-BR24G01-3A Datasheet
846Kb / 36P
   Serial EEPROM series Standard EEPROM
BR93G46-3A ROHM-BR93G46-3A Datasheet
943Kb / 39P
   Serial EEPROM series Standard EEPROM
BRCB008GWZ-3 ROHM-BRCB008GWZ-3 Datasheet
406Kb / 28P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCG064GWZ-3 ROHM-BRCG064GWZ-3 Datasheet
614Kb / 29P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCE064GWZ-3 ROHM-BRCE064GWZ-3 Datasheet
614Kb / 29P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BR93G46-3B ROHM-BR93G46-3B Datasheet
941Kb / 39P
   Serial EEPROM series Standard EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com