Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTM4606BDY Datasheet(PDF) 4 Page - DinTek Semiconductor Co,.Ltd

Part # DTM4606BDY
Description  N- and P-Channel 30 V (D-S) MOSFET Halogen-free
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTM4606BDY Datasheet(HTML) 4 Page - DinTek Semiconductor Co,.Ltd

  DTM4606BDY Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTM4606BDY Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTM4606BDY Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTM4606BDY Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTM4606BDY Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTM4606BDY Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTM4606BDY Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTM4606BDY Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTM4606BDY Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
N-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
6
12
18
24
0
246
8
10
VGS =10 V thru 6 V
VGS =4 V
VGS =5 V
VDS - Drain-to-Source Voltage (V)
0.00
0.02
0.04
0.06
0.08
0.10
0
2
4
6
8
10
12
14
16
ID - Drain Current (A)
VGS = 4.5 V
VGS = 10 V
0
2
4
6
8
10
02
46
ID =2.5 A
VDS =22.5 V
VDS =7.5 V
VDS =15 V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
01
2
3
45
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
0.7
0.9
1.1
1.3
1.5
1.7
- 50
- 25
0
25
50
75
100
125
150
ID =6A
VGS =4.5 V
VGS =10 V
TJ -Junction Temperature (°C)
www.din-tek.jp
DTM4606BDY


Similar Part No. - DTM4606BDY

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4606 DINTEK-DTM4606 Datasheet
354Kb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
DTM4606 DINTEK-DTM4606 Datasheet
2Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET Halogen-free
DTM4606 DINTEK-DTM4606_13 Datasheet
2Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET Halogen-free
More results

Similar Description - DTM4606BDY

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4616 DINTEK-DTM4616 Datasheet
2Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET Halogen-free
DTM4606 DINTEK-DTM4606_13 Datasheet
2Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET Halogen-free
DTL15P03 DINTEK-DTL15P03_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS3401A DINTEK-DTS3401A_13 Datasheet
465Kb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTC3059 DINTEK-DTC3059_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4431 DINTEK-DTM4431 Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET Halogen-free
DTM9435 DINTEK-DTM9435_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4425 DINTEK-DTM4425_13 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS3401 DINTEK-DTS3401_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS6503 DINTEK-DTS6503_13 Datasheet
2Mb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com