Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTM4435 Datasheet(PDF) 2 Page - DinTek Semiconductor Co,.Ltd

Part # DTM4435
Description  P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTM4435 Datasheet(HTML) 2 Page - DinTek Semiconductor Co,.Ltd

  DTM4435_13 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTM4435_13 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTM4435_13 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTM4435_13 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTM4435_13 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTM4435_13 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTM4435_13 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTM4435_13 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = - 250 μA
- 30
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 μA
- 1.5
- 2.0
- 2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = - 30 V
-
-
- 1
μA
VGS = 0 V
VDS = - 30 V, TJ = 125 °C
-
-
- 50
VGS = 0 V
VDS = - 30 V, TJ = 175 °C
-
-
- 150
On-State Drain Currenta
ID(on)
VGS = - 10 V
VDS- 5 V
- 30
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V
ID = - 8 A
-
0.013
0.016
VGS = - 10 V
ID = - 8 A, TJ = 125 °C
-
-
0.026
VGS = - 10 V
ID = - 8 A, TJ = 175 °C
-
-
0.030
VGS = - 4.5 V
ID = - 6 A
-
0.016
0.022
Forward Transconductanceb
gfs
VDS = - 15 V, ID = - 8 A
-
22
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = - 15 V, f = 1 MHz
-
1736
2170
pF
Output Capacitance
Coss
-
392
490
Reverse Transfer Capacitance
Crss
-
268
335
Total Gate Chargec
Qg
VGS = - 10 V
VDS = - 15 V, ID = - 4.6 A
-
38.3
58
nC
Gate-Source Chargec
Qgs
-5.9
-
Gate-Drain Chargec
Qgd
-9
-
Gate Resistance
Rg
f = 1 MHz
2
-
7
Turn-On Delay Timec
td(on)
VDD = - 15 V, RL = 15 
ID  - 1 A, VGEN = - 10 V, Rg = 1 
-
12.5
19
ns
Rise Timec
tr
-9
15
Turn-Off Delay Timec
td(off)
-
45.3
68
Fall Timec
tf
-10
15
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
--
- 60
A
Forward Voltage
VSD
IF = - 8 A, VGS = 0
-
- 0.84
- 1.2
V
www.din-tek.jp
DTM4435


Similar Part No. - DTM4435_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4435 DINTEK-DTM4435 Datasheet
305Kb / 8P
   P-Channel 30 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
DTM4435 DOINGTER-DTM4435 Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - DTM4435_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4407 DINTEK-DTM4407 Datasheet
2Mb / 9P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTL40P03 DINTEK-DTL40P03 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTM4459 DINTEK-DTM4459 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTM4485 DINTEK-DTM4485 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTS3407 DINTEK-DTS3407 Datasheet
845Kb / 9P
   P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
DTM4953 DINTEK-DTM4953_13 Datasheet
1Mb / 9P
   Dual P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
DTM4953BDY DINTEK-DTM4953BDY Datasheet
1Mb / 9P
   Dual P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
DTU90N03 DINTEK-DTU90N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTP0403 DINTEK-DTP0403_13 Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTB3055 DINTEK-DTB3055 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com