Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24G01FVM-3 Datasheet(PDF) 2 Page - Rohm

Part # BR24G01FVM-3
Description  Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G01FVM-3 Datasheet(HTML) 2 Page - Rohm

  BR24G01FVM-3 Datasheet HTML 1Page - Rohm BR24G01FVM-3 Datasheet HTML 2Page - Rohm BR24G01FVM-3 Datasheet HTML 3Page - Rohm BR24G01FVM-3 Datasheet HTML 4Page - Rohm BR24G01FVM-3 Datasheet HTML 5Page - Rohm BR24G01FVM-3 Datasheet HTML 6Page - Rohm BR24G01FVM-3 Datasheet HTML 7Page - Rohm BR24G01FVM-3 Datasheet HTML 8Page - Rohm BR24G01FVM-3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Datasheet
2/33
BR24G01-3
TSZ02201-0R2R0G100160-1-2
25.Feb.2013 Rev.002
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Remark
Supply Voltage
VCC
-0.3 to +6.5
V
Power Dissipation
Pd
450 (SOP8)
mW
Derate by 4.5mW/°C when operating above Ta=25°C
450 (SOP-J8)
Derate by 4.5mW/°C when operating above Ta=25°C
300 (SSOP-B8)
Derate by 3.0mW/°C when operating above Ta=25°C
330 (TSSOP-B8)
Derate by 3.3mW/°C when operating above Ta=25°C
310 (TSSOP-B8J)
Derate by 3.1mW/°C when operating above Ta=25°C
310 (MSOP8)
Derate by 3.1mW/°C when operating above Ta=25°C
300 (VSON008X2030)
Derate by 3.0mW/°C when operating above Ta=25°C
800 (DIP-T8)
Derate by 8.0mW/°C when operating above Ta=25°C
Storage Temperature
Tstg
-65 to +150
Operating Temperature
Topr
-40 to +85
Input Voltage /
Output Voltage
-0.3 to Vcc+1.0
V
The Max value of Input Voltage/Output Voltage is not over 6.5V.
When the pulse width is 50ns or less, the Min value of Input
Voltage/Output Voltage is not lower than -0.8V.
Junction
Temperature
Tjmax
150
Junction temperature at the storage condition
Memory Cell Characteristics (Ta=25℃, Vcc=1.6V to 5.5V)
Parameter
Limit
Unit
Min
Typ
Max
Write Cycles
(1)
1,000,000
-
-
Times
Data Retention
(1)
40
-
-
Years
(1) Not 100% TESTED
Recommended Operating Ratings
Parameter
Symbol
Rating
Unit
Power Source Voltage
VCC
1.6 to 5.5
V
Input Voltage
VIN
0 to Vcc
DC Characteristics (Unless otherwise specified, Ta=-40℃ to +85℃, Vcc=1.6V to 5.5V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Input High Voltage1
VIH1
0.7VCC
-
Vcc+1.0
V
1.7V≦Vcc≦5.5V
Input Low Voltage1
VIL1
-0.3
(2)
-
+0.3Vcc
V
1.7V≦Vcc≦5.5V
Input High Voltage2
VIH2
0.8Vcc
-
Vcc+1.0
V
1.6V≦Vcc<1.7V
Input Low Voltage2
VIL2
-0.3
(2)
-
+0.2Vcc
V
1.6V≦Vcc<1.7V
Output Low Voltage1
VOL1
-
-
0.4
V
IOL=3.0mA, 2.5V≦Vcc≦5.5V (SDA)
Output Low Voltage2
VOL2
-
-
0.2
V
IOL=0.7mA, 1.6V≦Vcc<2.5V (SDA)
Input Leakage Current
ILI
-1
-
+1
µA
VIN=0 to Vcc
Output Leakage Current
ILO
-1
-
+1
µA
VOUT=0 to Vcc (SDA)
Supply Current (Write)
ICC1
-
-
2.0
mA
Vcc=5.5V, fSCL=400kHz, tWR=5ms,
Byte write, Page write
Supply Current (Read)
ICC2
-
-
0.5
mA
Vcc=5.5V, fSCL=400kHz
Random read, current read, sequential read
Standby Current
ISB
-
-
2.0
µA
Vcc=5.5V, SDA・SCL=Vcc
A0,A1,A2=GND,WP=GND
(2) When the pulse width is 50ns or less, it is -0.8V.


Similar Part No. - BR24G01FVM-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G01FVM-3 ROHM-BR24G01FVM-3 Datasheet
594Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G01FVM-3A ROHM-BR24G01FVM-3A Datasheet
841Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G01FVM-3AE2 ROHM-BR24G01FVM-3AE2 Datasheet
846Kb / 36P
   Serial EEPROM series Standard EEPROM
BR24G01FVM-3ATR ROHM-BR24G01FVM-3ATR Datasheet
846Kb / 36P
   Serial EEPROM series Standard EEPROM
More results

Similar Description - BR24G01FVM-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G08-3 ROHM-BR24G08-3 Datasheet
1Mb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G16-3 ROHM-BR24G16-3 Datasheet
522Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3 Datasheet
532Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3 Datasheet
525Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3A ROHM-BR24G128-3A Datasheet
868Kb / 38P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02-3 ROHM-BR24G02-3 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com