Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3817NG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3817NG4
Description  BiCMOS POWER FACTOR PREREGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3817NG4 Datasheet(HTML) 5 Page - Texas Instruments

  UCC3817NG4 Datasheet HTML 1Page - Texas Instruments UCC3817NG4 Datasheet HTML 2Page - Texas Instruments UCC3817NG4 Datasheet HTML 3Page - Texas Instruments UCC3817NG4 Datasheet HTML 4Page - Texas Instruments UCC3817NG4 Datasheet HTML 5Page - Texas Instruments UCC3817NG4 Datasheet HTML 6Page - Texas Instruments UCC3817NG4 Datasheet HTML 7Page - Texas Instruments UCC3817NG4 Datasheet HTML 8Page - Texas Instruments UCC3817NG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
UCC2817, UCC2818, UCC3817, UCC3818
BiCMOS POWER FACTOR PREREGULATOR
SLUS395J - FEBRUARY 2000 - REVISED MARCH 2009
5
www.ti.com
electrical characteristics, TA = 0°C to 70°C for the UCC3817 and TA = −40°C to 85°C for the UCC2817, TA
= TJ, VCC = 12 V, RT = 22 kΩ, CT = 270 pF, (unless otherwise noted)
feed-forward section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VFF output current
IAC = 300 µA
−140
−150
−160
µA
soft start section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SS charge current
−6
−10
−16
µA
gate driver section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pullup resistance
IO = –100 mA to −200 mA
5
12
Pulldown resistance
IO = 100 mA
2
10
Output rise time
CL = 1 nF,
RL = 10 Ω,
VDRVOUT = 0.7 V to 9.0 V
25
50
ns
Output fall time
CL = 1 nF,
RL = 10 Ω,
VDRVOUT = 9.0 V to 0.7 V
10
50
ns
Maximum duty cycle
93
95
99
%
Minimum controlled duty cycle
At 100 kHz
2
%
zero power section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Zero power comparator threshold
Measured on VAOUT
0.20
0.33
0.50
V
pin descriptions
CAI: (current amplifier noninverting input) Place a resistor between this pin and the GND side of current sense
resistor. This input and the inverting input (MOUT) remain functional down to and below GND.
CAOUT: (current amplifier output) This is the output of a wide bandwidth operational amplifier that senses line
current and commands the PFC pulse-width modulator (PWM) to force the correct duty cycle. Compensation
components are placed between CAOUT and MOUT.
CT: (oscillator timing capacitor) A capacitor from CT to GND sets the PWM oscillator frequency according to:
f
[
0.6
RT
CT
The lead from the oscillator timing capacitor to GND should be as short and direct as possible.
DRVOUT: (gate drive) The output drive for the boost switch is a totem-pole MOSFET gate driver on DRVOUT.
Use a series gate resistor to prevent interaction between the gate impedance and the output driver that might
cause the DRVOUT to overshoot excessively. See characteristic curve (Figure 13) to determine minimum
required gate resister value. Some overshoot of the DRVOUT output is always expected when driving a
capacitive load.
GND: (ground) All voltages measured with respect to ground. VCC and REF should be bypassed directly to
GND with a 0.1-
µF or larger ceramic capacitor.


Similar Part No. - UCC3817NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3817NG4 TI-UCC3817NG4 Datasheet
923Kb / 31P
[Old version datasheet]   BCMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC3817NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817A TI-UCC2817A Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2818A-Q1 TI1-UCC2818A-Q1 Datasheet
494Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817-EP TI-UCC2817-EP_15 Datasheet
477Kb / 24P
[Old version datasheet]   UCC2818A-Q1 BiCMOS Power-Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com