Electronic Components Datasheet Search |
|
BR24G24FVT-3E2 Datasheet(PDF) 2 Page - Rohm |
|
BR24G24FVT-3E2 Datasheet(HTML) 2 Page - Rohm |
2 / 36 page Datasheet 2/33 BR24G32-3 TSZ02201-0R2R0G100210-1-2 29.Mar.2013 Rev.003 ©2013 ROHM Co., Ltd. All rights reserved. TSZ22111・15・001 www.rohm.com Absolute Maximum Ratings (Ta=25°C) Parameter Symbol Rating Unit Remark Supply Voltage VCC -0.3 to +6.5 V Power Dissipation Pd 450 (SOP8) mW Derate by 4.5mW/°C when operating above Ta=25°C 450 (SOP-J8) Derate by 4.5mW/°C when operating above Ta=25°C 300 (SSOP-B8) Derate by 3.0mW/°C when operating above Ta=25°C 330 (TSSOP-B8) Derate by 3.3mW/°C when operating above Ta=25°C 310 (TSSOP-B8J) Derate by 3.1mW/°C when operating above Ta=25°C 310 (MSOP8) Derate by 3.1mW/°C when operating above Ta=25°C 300 (VSON008X2030) Derate by 3.0mW/°C when operating above Ta=25°C 800 (DIP-T8) Derate by 8.0mW/°C when operating above Ta=25°C Storage Temperature Tstg -65 to +150 °C Operating Temperature Topr -40 to +85 °C Input Voltage / Output Voltage ‐ -0.3 to VCC+1.0 V The Max value of Input Voltage/Output Voltage is not over 6.5V. When the pulse width is 50ns or less, the Min value of Input Voltage/Output Voltage is not lower than -1.0V. Junction Temperature Tjmax 150 °C Junction temperature at the storage condition Memory Cell Characteristics (Ta=25°C, VCC=1.6V to 5.5V) Parameter Limit Unit Min Typ Max Write Cycles (1) 1,000,000 - - Times Data Retention (1) 40 - - Years (1) Not 100% TESTED Recommended Operating Ratings Parameter Symbol Rating Unit Power Source Voltage VCC 1.6 to 5.5 V Input Voltage VIN 0 to VCC DC Characteristics (Unless otherwise specified, Ta=-40°C to +85°C, VCC=1.6V to 5.5V) Parameter Symbol Limit Unit Conditions Min Typ Max Input High Voltage1 VIH1 0.7VCC - VCC+1.0 V 1.7V≦VCC≦5.5V Input Low Voltage1 VIL1 -0.3 (2) - +0.3VCC V 1.7V≦VCC≦5.5V Input High Voltage2 VIH2 0.8VCC - VCC+1.0 V 1.6V≦VCC<1.7V Input Low Voltage2 VIL2 -0.3 (2) - +0.2VCC V 1.6V≦VCC<1.7V Output Low Voltage1 VOL1 - - 0.4 V IOL=3.0mA, 2.5V≦VCC≦5.5V (SDA) Output Low Voltage2 VOL2 - - 0.2 V IOL=0.7mA, 1.6V≦VCC<2.5V (SDA) Input Leakage Current ILI -1 - +1 µA VIN=0 to VCC Output Leakage Current ILO -1 - +1 µA VOUT=0 to VCC (SDA) Supply Current (Write) ICC1 - - 2.0 mA VCC=5.5V, fSCL=400kHz, tWR=5ms, Byte write, Page write Supply Current (Read) ICC2 - - 0.5 mA VCC=5.5V, fSCL=400kHz Random read, current read, sequential read Standby Current ISB - - 2.0 µA VCC=5.5V, SDA・SCL=VCC A0,A1,A2=GND,WP=GND (2) When the pulse width is 50ns or less, it is -1.0V. |
Similar Part No. - BR24G24FVT-3E2 |
|
Similar Description - BR24G24FVT-3E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |