Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTL40P03 Datasheet(PDF) 4 Page - DinTek Semiconductor Co,.Ltd

Part # DTL40P03
Description  P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTL40P03 Datasheet(HTML) 4 Page - DinTek Semiconductor Co,.Ltd

  DTL40P03 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTL40P03 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTL40P03 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTL40P03 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTL40P03 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTL40P03 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTL40P03 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTL40P03 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.01
0.001
0.1
10
100
TJ = 25 °C
TJ = 150 °C
VSD -Source-to-Drain Voltage (V)
- 0.4
- 0.1
0.2
0.5
0.8
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
ID =5mA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.000
0.006
0.012
0.018
0.024
0.030
012
345
67
8
910
TJ = 125 °C
TJ =25 °C
ID =15A
VGS - Gate-to-Source Voltage (V)
0
40
80
120
160
200
0
1
1
1
0
0
.
0
0.01
0.1
Time (s)
Safe Operating Area
0.01
100
1
100
0.01
0.1
1ms
10 s
10 ms
0.1110
10
TA = 25 °C
Single Pulse
DC
BVDSS Limited
1s
100 ms
Limited byRDS(on)*
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
www.din-tek.jp
DTL40P03


Similar Part No. - DTL40P03

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTL40N03 DINTEK-DTL40N03 Datasheet
267Kb / 8P
   N-Channel 30-V (D-S) MOSFET
DTL40N03 DINTEK-DTL40N03 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTL40N03 DINTEK-DTL40N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
More results

Similar Description - DTL40P03

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4407 DINTEK-DTM4407 Datasheet
2Mb / 9P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTM4459 DINTEK-DTM4459 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTM4485 DINTEK-DTM4485 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTM4435 DINTEK-DTM4435_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTS3407 DINTEK-DTS3407 Datasheet
845Kb / 9P
   P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
DTM4953 DINTEK-DTM4953_13 Datasheet
1Mb / 9P
   Dual P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
DTM4953BDY DINTEK-DTM4953BDY Datasheet
1Mb / 9P
   Dual P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
DTU90N03 DINTEK-DTU90N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTP0403 DINTEK-DTP0403_13 Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTB3055 DINTEK-DTB3055 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com