Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24G64-3 Datasheet(PDF) 8 Page - Rohm

Part # BR24G64-3
Description  Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G64-3 Datasheet(HTML) 8 Page - Rohm

Back Button BR24G64-3 Datasheet HTML 4Page - Rohm BR24G64-3 Datasheet HTML 5Page - Rohm BR24G64-3 Datasheet HTML 6Page - Rohm BR24G64-3 Datasheet HTML 7Page - Rohm BR24G64-3 Datasheet HTML 8Page - Rohm BR24G64-3 Datasheet HTML 9Page - Rohm BR24G64-3 Datasheet HTML 10Page - Rohm BR24G64-3 Datasheet HTML 11Page - Rohm BR24G64-3 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Datasheet
8/33
BR24G64-3
TSZ02201-0R2R0G100220-1-2
25.Feb.2013 Rev.002
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Figure 17. Start Condition Setup Time vs Supply Voltage
Figure 18. Input Data Hold Time vs Supply Voltage
(HIGH)
Figure 16. Start Condition Hold Time vs Supply Voltage
Figure 19. Input Data Hold Time vs Supply Voltage
(LOW)
Typical Performance Curves‐continued
0
0.2
0.4
0.6
0.8
1
01
23
45
6
Supply Voltage : Vcc(v)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
-0.2
0
0.2
0.4
0.6
0.8
1
01
2
3
4
56
Supply Voltage : Vcc(v)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
-200
-150
-100
-50
0
50
0
1
23
45
6
Supply Voltage : Vcc(v)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
-200
-150
-100
-50
0
50
01
23
45
6
Supply Voltage : Vcc(v)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃


Similar Part No. - BR24G64-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G64-3 ROHM-BR24G64-3 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
842Kb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G64-3A ROHM-BR24G64-3A_14 Datasheet
842Kb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G64-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G08-3 ROHM-BR24G08-3 Datasheet
1Mb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G16-3 ROHM-BR24G16-3 Datasheet
522Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3 Datasheet
532Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3 Datasheet
525Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3 Datasheet
526Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3A ROHM-BR24G128-3A Datasheet
868Kb / 38P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02-3 ROHM-BR24G02-3 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com