Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24G02F-3TR Datasheet(PDF) 5 Page - Rohm

Part # BR24G02F-3TR
Description  Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G02F-3TR Datasheet(HTML) 5 Page - Rohm

  BR24G02F-3TR Datasheet HTML 1Page - Rohm BR24G02F-3TR Datasheet HTML 2Page - Rohm BR24G02F-3TR Datasheet HTML 3Page - Rohm BR24G02F-3TR Datasheet HTML 4Page - Rohm BR24G02F-3TR Datasheet HTML 5Page - Rohm BR24G02F-3TR Datasheet HTML 6Page - Rohm BR24G02F-3TR Datasheet HTML 7Page - Rohm BR24G02F-3TR Datasheet HTML 8Page - Rohm BR24G02F-3TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Datasheet
5/33
BR24G02-3
TSZ02201-0R2R0G100170-1-2
29.Mar.2013 Rev.003
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Figure 6. Output Low Voltage1 vs Output Low Current
(VCC=2.5V)
Figure 7. Output Low Voltage2 vs Output Low Current
(VCC=1.6V)
Figure 4. Input High Voltage1,2 vs Supply Voltage
(A0, A1, A2, SCL, SDA, WP)
Figure 5. Input Low Voltage1,2 vs Supply Voltage
(A0, A1, A2, SCL, SDA, WP)
Typical Performance Curves
0
0.2
0.4
0.6
0.8
1
01
2
3
4
56
Output Low Current: IOL(mA)
SPEC
Ta=-40
Ta= 25
Ta= 85
0
0.2
0.4
0.6
0.8
1
01
234
56
Output Low Current: IOL(mA)
Ta=-40
Ta= 25
Ta= 85
SPEC
0
1
2
3
4
5
6
01
234
56
Supply Voltage: Vcc(V)
Ta=-40
Ta= 25
Ta= 85
SPEC
0
1
2
3
4
5
6
01
234
56
Supply Voltage: Vcc(V)
Ta=-40
Ta= 25
Ta= 85
SPEC


Similar Part No. - BR24G02F-3TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G02F-3A ROHM-BR24G02F-3A Datasheet
842Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G02F-3GTE2 ROHM-BR24G02F-3GTE2 Datasheet
1Mb / 38P
   I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G02F-3TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G08-3 ROHM-BR24G08-3 Datasheet
1Mb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G16-3 ROHM-BR24G16-3 Datasheet
522Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3 Datasheet
532Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3 Datasheet
525Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3 Datasheet
526Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3A ROHM-BR24G128-3A Datasheet
868Kb / 38P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com