Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24G04FVM-3E2 Datasheet(PDF) 7 Page - Rohm

Part # BR24G04FVM-3E2
Description  Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G04FVM-3E2 Datasheet(HTML) 7 Page - Rohm

Back Button BR24G04FVM-3E2 Datasheet HTML 3Page - Rohm BR24G04FVM-3E2 Datasheet HTML 4Page - Rohm BR24G04FVM-3E2 Datasheet HTML 5Page - Rohm BR24G04FVM-3E2 Datasheet HTML 6Page - Rohm BR24G04FVM-3E2 Datasheet HTML 7Page - Rohm BR24G04FVM-3E2 Datasheet HTML 8Page - Rohm BR24G04FVM-3E2 Datasheet HTML 9Page - Rohm BR24G04FVM-3E2 Datasheet HTML 10Page - Rohm BR24G04FVM-3E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Datasheet
7/33
BR24G04-3
TSZ02201-0R2R0G100180-1-2
25.Feb.2013 Rev.002
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Figure 13. Clock Frequency vs Supply Voltage
Figure 14. Data Clock High Period vs Supply Voltage
Figure 12. Standby Current vs Supply Voltage
Figure 15. Data Clock Low Period vs Supply Voltage
Typical Performance Curves‐continued
0.1
1
10
100
1000
10000
01
234
56
Supply Voltage: Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.5
1
1.5
2
2.5
0123
456
Supply Voltage: Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.2
0.4
0.6
0.8
1
01
234
56
Supply Voltage: Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.3
0.6
0.9
1.2
1.5
0123
456
Supply Voltage: Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃


Similar Part No. - BR24G04FVM-3E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G04FVM-3 ROHM-BR24G04FVM-3 Datasheet
592Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G04FVM-3 ROHM-BR24G04FVM-3 Datasheet
844Kb / 37P
   I2C BUS EEPROM
BR24G04FVM-3A ROHM-BR24G04FVM-3A Datasheet
843Kb / 37P
   I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G04FVM-3E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G08-3 ROHM-BR24G08-3 Datasheet
1Mb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G16-3 ROHM-BR24G16-3 Datasheet
522Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3 Datasheet
532Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3 Datasheet
525Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3 Datasheet
526Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3A ROHM-BR24G128-3A Datasheet
868Kb / 38P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02-3 ROHM-BR24G02-3 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com