Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24G04FV-3E2 Datasheet(PDF) 5 Page - Rohm

Part # BR24G04FV-3E2
Description  Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G04FV-3E2 Datasheet(HTML) 5 Page - Rohm

  BR24G04FV-3E2 Datasheet HTML 1Page - Rohm BR24G04FV-3E2 Datasheet HTML 2Page - Rohm BR24G04FV-3E2 Datasheet HTML 3Page - Rohm BR24G04FV-3E2 Datasheet HTML 4Page - Rohm BR24G04FV-3E2 Datasheet HTML 5Page - Rohm BR24G04FV-3E2 Datasheet HTML 6Page - Rohm BR24G04FV-3E2 Datasheet HTML 7Page - Rohm BR24G04FV-3E2 Datasheet HTML 8Page - Rohm BR24G04FV-3E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Datasheet
5/33
BR24G04-3
TSZ02201-0R2R0G100180-1-2
25.Feb.2013 Rev.002
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Figure 6. Output Low Voltage1 vs Output Low Current
(Vcc=2.5V)
Figure 7. Output Low Voltage2 vs Output Low Current
(Vcc=1.6V)
Figure 4. Input High Voltage1,2 vs Supply Voltage
( A1, A2, SCL, SDA, WP)
Figure 5. Input Low Voltage1,2 vs Supply Voltage
( A1, A2, SCL, SDA, WP)
Typical Performance Curves
LOT Number
1PIN MARK
0
0.2
0.4
0.6
0.8
1
01
2
3
4
56
Output Low Current: IOL(mA)
SPEC
Ta=-40
Ta= 25
Ta= 85
0
0.2
0.4
0.6
0.8
1
01
23
456
Output Low Current: IOL(mA)
Ta=-40
Ta= 25
Ta= 85
SPEC
0
1
2
3
4
5
6
0123
456
Supply Voltage: Vcc(V)
Ta=-40
Ta= 25
Ta= 85
SPEC
0
1
2
3
4
5
6
01
234
56
Supply Voltage: Vcc(V)
Ta=-40
Ta= 25
Ta= 85
SPEC


Similar Part No. - BR24G04FV-3E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G04FV-3 ROHM-BR24G04FV-3 Datasheet
592Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G04FV-3 ROHM-BR24G04FV-3 Datasheet
844Kb / 37P
   I2C BUS EEPROM
More results

Similar Description - BR24G04FV-3E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G08-3 ROHM-BR24G08-3 Datasheet
1Mb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G16-3 ROHM-BR24G16-3 Datasheet
522Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3 Datasheet
532Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3 Datasheet
525Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3 Datasheet
526Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3A ROHM-BR24G128-3A Datasheet
868Kb / 38P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02-3 ROHM-BR24G02-3 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com