Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24G08-3 Datasheet(PDF) 3 Page - Rohm

Part # BR24G08-3
Description  Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G08-3 Datasheet(HTML) 3 Page - Rohm

  BR24G08-3 Datasheet HTML 1Page - Rohm BR24G08-3 Datasheet HTML 2Page - Rohm BR24G08-3 Datasheet HTML 3Page - Rohm BR24G08-3 Datasheet HTML 4Page - Rohm BR24G08-3 Datasheet HTML 5Page - Rohm BR24G08-3 Datasheet HTML 6Page - Rohm BR24G08-3 Datasheet HTML 7Page - Rohm BR24G08-3 Datasheet HTML 8Page - Rohm BR24G08-3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Datasheet
3/33
BR24G08-3
09.Mar.2013 Rev.002
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
TSZ02201-0R2R0G100190-1-2
AC Characteristics (Unless otherwise specified, Ta=-40℃ to +85℃, VCC=1.6V to 5.5V)
Parameter
Symbol
Limit
Unit
Min
Typ
Max
Clock Frequency
fSCL
-
-
400
kHz
Data Clock High Period
tHIGH
0.6
-
-
µs
Data Clock Low Period
tLOW
1.2
-
-
µs
SDA, SCL (INPUT) Rise Time
(1)
tR
-
-
1.0
µs
SDA, SCL (INPUT) Fall Time
(1)
tF1
-
-
1.0
µs
SDA (OUTPUT) Fall Time
(1)
tF2
-
-
0.3
µs
Start Condition Hold Time
tHD:STA
0.6
-
-
µs
Start Condition Setup Time
tSU:STA
0.6
-
-
µs
Input Data Hold Time
tHD:DAT
0
-
-
ns
Input Data Setup Time
tSU:DAT
100
-
-
ns
Output Data Delay Time
tPD
0.1
-
0.9
µs
Output Data Hold Time
tDH
0.1
-
-
µs
Stop Condition Setup Time
tSU:STO
0.6
-
-
µs
Bus Free Time
tBUF
1.2
-
-
µs
Write Cycle Time
tWR
-
-
5
ms
Noise Spike Width (SDA and SCL)
tI
-
-
0.1
µs
WP Hold Time
tHD:WP
1.0
-
-
µs
WP Setup Time
tSU:WP
0.1
-
-
µs
WP High Period
tHIGH:WP
1.0
-
-
µs
(1) Not 100% TESTED.
Condition Input data level:VIL=0.2×Vcc VIH=0.8×Vcc
Input data timing reference level: 0.3×Vcc/0.7×Vcc
Output data timing reference level: 0.3×Vcc/0.7×Vcc
Rise/Fall time : ≦20ns
Serial Input / Output Timing
Input read at the rise edge of SCL
Data output in sync with the fall of SCL
70%
70%
tSU:STA
tHD:STA
START CONDITION
tSU:STO
STOP CONDITION
30%
30%
70%
70%
D0
ACK
tWR
write data
(n-th address)
START CONDITION
STOP CONDITION
70%
70%
DATA(1)
D0
ACK
D1
DATA(n)
ACK
tWR
30%
70%
STOP CONDITION
tHD:WP
tSU:WP
30%
70%
DATA(1)
D0
D1
ACK
DATA(n)
ACK
tHIGH:WP
70%
70%
tWR
70%
Figure 2-(a). Serial Input / Output Timing
Figure 2-(b). Start-Stop Bit Timing
Figure 2-(c). Write Cycle Timing
Figure 2-(e). WP Timing at Write Cancel
Figure 2-(d). WP Timing at Write Execution
SCL
SDA
(入力)
SDA
(出力)
tR
tF1
tHIGH
tSU:DAT
tLOW
tHD:DAT
tDH
tPD
tBUF
tHD:STA
70%
30%
70%
70%
30%
70% 70%
30%
30%
70%
70%
30%
70%
70%
70%
70%
30%
30%
30%
30%
tF2
(INPUT)
(OUTPUT)


Similar Part No. - BR24G08-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G08-3 ROHM-BR24G08-3 Datasheet
981Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G08-3A ROHM-BR24G08-3A Datasheet
1Mb / 36P
   I2C BUS EEPROM (2-Wire)
BR24G08-3 ROHM-BR24G08-3_1 Datasheet
981Kb / 37P
   I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G08-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G16-3 ROHM-BR24G16-3 Datasheet
522Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3 Datasheet
532Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3 Datasheet
525Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3 Datasheet
526Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3A ROHM-BR24G128-3A Datasheet
868Kb / 38P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02-3 ROHM-BR24G02-3 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com