Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTP4N60F Datasheet(PDF) 5 Page - DinTek Semiconductor Co,.Ltd

Part # DTP4N60F
Description  Power MOSFET Reduced Gate Drive Requirement
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTP4N60F Datasheet(HTML) 5 Page - DinTek Semiconductor Co,.Ltd

  DTP4N60F Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTP4N60F Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTP4N60F Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTP4N60F Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTP4N60F Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTP4N60F Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTP4N60F Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTP4N60F Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTP4N60F Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10a - Switching Time Test Circuit
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
TC, Case Temperature (°C)
0.0
2.5
3.0
3.5
4.0
5.0
25
150
125
100
75
50
91114_09
1.0
2.0
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
g
D.U.T.
10 V
+
-
V
DS
V
DD
V
DS
90 %
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f
10
1
0.1
10-2
10-5
10-4
10-3
10-2
0.1
1
10
P
DM
t
1
t
2
t1, Rectangular Pulse Duration (s)
Notes:
1. Duty Factor, D = t
1/t2
2. Peak T
j = PDM x ZthJC + TC
Single Pulse
(Thermal Response)
0
− 0.5
0.2
0.1
0.05
0.02
0.01
91114_11
www.din-tek.jp
DTP4N60/DTP4N60F/DTU4N60/DTL4N60


Similar Part No. - DTP4N60F

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTP4N60 DINTEK-DTP4N60 Datasheet
249Kb / 8P
   Reduced Gate Drive Requirement
More results

Similar Description - DTP4N60F

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTP4N60 DINTEK-DTP4N60 Datasheet
249Kb / 8P
   Reduced Gate Drive Requirement
logo
Advanced Power Electron...
AP3310GH-HF A-POWER-AP3310GH-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, 2.5V Gate Drive Capability
AP9452AGG-HF A-POWER-AP9452AGG-HF Datasheet
99Kb / 4P
   Capable of 2.5V Gate Drive, Single Drive Requirement
AP2612GY-HF A-POWER-AP2612GY-HF Datasheet
101Kb / 4P
   Capable of 1.8V Gate Drive, Simple Drive Requirement
AP2322GN-HF A-POWER-AP2322GN-HF Datasheet
96Kb / 4P
   Capable of 1.8V gate drive, Simple Drive Requirement
AP3405GH-HF A-POWER-AP3405GH-HF Datasheet
98Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
AP4963GEM-HF A-POWER-AP4963GEM-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, Lower Gate Charge
AP70T03GJ-HF A-POWER-AP70T03GJ-HF Datasheet
103Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP9435GK-HF A-POWER-AP9435GK-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP9563GH-HF A-POWER-AP9563GH-HF Datasheet
105Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com