Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC2059 Datasheet(PDF) 2 Page - DinTek Semiconductor Co,.Ltd

Part # DTC2059
Description  P-Channel 20 V (D-S) MOSFET Load Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTC2059 Datasheet(HTML) 2 Page - DinTek Semiconductor Co,.Ltd

  DTC2059_13 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTC2059_13 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTC2059_13 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTC2059_13 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTC2059_13 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTC2059_13 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTC2059_13 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTC2059_13 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 20
V
VDS Temperature Coefficient
ΔVDS/TJ
ID = - 250 µA
- 14
mV/°C
VGS(th) Temperature Coefficient
ΔVGS(th)/TJ
3.2
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.6
- 1.4
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V
- 1
µA
VDS = - 20 V, VGS = 0 V, TJ = 85 °C
- 5
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 4.5 V
- 20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 4.9 A
0.060
0.075
Ω
VGS = - 3.6 V, ID = - 4.6 A
0.076
0.081
VGS = - 2.5 V, ID = - 2.0 A
0.083
0.090
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 4.9 A
16
S
Dynamicb
Input Capacitance
Ciss
VDS = - 10 V, VGS = 0 V, f = 1 MHz
1000
pF
Output Capacitance
Coss
225
Reverse Transfer Capacitance
Crss
195
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 10 V, ID = - 6.5 A
25
38
nC
VDS = - 10 V, VGS = - 4.5 V, ID = - 6.5 A
12.5
19
Gate-Source Charge
Qgs
2
Gate-Drain Charge
Qgd
4
Gate Resistance
Rg
f = 1 MHz
0.9
4.6
9.2
Ω
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 1.9 Ω
ID ≅ - 5.2 A, VGEN = - 4.5 V, Rg = 1 Ω
25
50
ns
Rise Time
tr
20
40
Turn-Off Delay Time
td(off)
30
60
Fall Time
tf
12
25
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = - 1.9 Ω
ID ≅ - 5.2 A, VGEN = - 10 V, Rg = 1 Ω
10
20
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
27
55
Fall Time
tf
12
25
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 6
A
Pulse Diode Forward Current
ISM
- 20
Body Diode Voltage
VSD
IS = - 5.2 A, VGS = 0 V
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 5.2 A, dI/dt = 100 A/µs, TJ = 25 °C
20
40
ns
Body Diode Reverse Recovery Charge
Qrr
10
20
nC
Reverse Recovery Fall Time
ta
10
ns
Reverse Recovery Rise Time
tb
10
DTC2059
www.din-tek.jp


Similar Part No. - DTC2059_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTC2059 DINTEK-DTC2059 Datasheet
295Kb / 8P
   P-Channel 20 V (D-S) MOSFET
More results

Similar Description - DTC2059_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com